Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20082 Datasheet (PDF) - Ericsson

PTB20082 Datasheet PDF - Ericsson
Part # PTB20082
Download  PTB20082 Download
File Size   168.01 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 15 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor

PTB20082 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTB20082 Datasheet PDF - Ericsson

Part # PTB20082
Download  PTB20082 Click to download

File Size   168.01 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 15 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor

PTB20082 Datasheet (HTML) - Ericsson


PTB20082 Product details

Description
The 20082 is a class AB, NPN, common emitter RF power transistor intended for 26 Vdc operation from 1.8 to 2.0 GHz. Rated at 15 watts output power, it may be used for both CW and PEP applications. Ion implantation, nitride surface passivation and gold metallization ensure excellent device reliability. 100% lot traceability is standard.

• 10 Watts Linear Power
• Output Power at 1 dB Compressed = 15 W
• Class AB Characteristics
• 30% Collector Efficiency at 7.5 Watts
• Gold Metallization
• Silicon Nitride Passivated




Similar Part No. - PTB20082

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20080 ERICSSON-PTB20080 Datasheet
445Kb / 3P
25 Watts, 1.6-1.7 GHz RF Power Transistor
PTB20081 ERICSSON-PTB20081 Datasheet
385Kb / 3P
150 Watts, 470-860 MHz UHF TV Power Transistor
More results


Similar Description - PTB20082

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20146 ERICSSON-PTB20146 Datasheet
39Kb / 2P
0.4 Watt, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20147 ERICSSON-PTB20147 Datasheet
385Kb / 2P
2.5 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20170 ERICSSON-PTB20170 Datasheet
261Kb / 5P
30 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20175 ERICSSON-PTB20175 Datasheet
579Kb / 4P
55 Watts, 1.9-2.0 GHz Cellular Radio RF Power Transistor
PTB20179 ERICSSON-PTB20179 Datasheet
201Kb / 3P
0.4 Watt, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20180 ERICSSON-PTB20180 Datasheet
43Kb / 2P
2.5 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20187 ERICSSON-PTB20187 Datasheet
43Kb / 2P
4 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20193 ERICSSON-PTB20193 Datasheet
519Kb / 3P
60 Watts, 1.8-1.9 GHz Cellular Radio RF Power Transistor
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
6 Watts, 1.8-2.0 GHz RF Power Transistor
PTB20264 ERICSSON-PTB20264 Datasheet
617Kb / 3P
10 Watts, 1.8-1.9 GHz Cellular Radio RF Power Transistor
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com