Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20081 Datasheet (PDF) - Ericsson

PTB20081 Datasheet PDF - Ericsson
Part # PTB20081
Download  PTB20081 Download
File Size   385.77 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 150 Watts, 470-860 MHz UHF TV Power Transistor

PTB20081 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTB20081 Datasheet PDF - Ericsson

Part # PTB20081
Download  PTB20081 Click to download

File Size   385.77 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 150 Watts, 470-860 MHz UHF TV Power Transistor

PTB20081 Datasheet (HTML) - Ericsson


PTB20081 Product details

Description
The 20081 is a class AB, NPN, common emitter RF power transistor intended for 28 to 32 Vdc operation across the 470 to 860 MHz UHF TV frequency band. It is rated at 100 watts minimum output power. Ion implantation, nitride surface passivation and gold metallization are used to ensure excellent device reliability. 100% lot traceability is standard.

• 150 Watts (P-Sync), 470–860 MHz
• Class AB Characteristics
• 55% Collector Efficiency at 100 Watts (CW)
• Guaranteed Performance at 28 Volts, 860 MHz
    - Output Power = 125 Watts (Peak Sync)
    - Output Power = 100 Watts (CW)
    - Minimum Gain = 8.5 dB
• Guaranteed Performance at 32 Volts, 860 MHz
    - Output Power = 150 Watts (Peak Sync)




Similar Part No. - PTB20081

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20080 ERICSSON-PTB20080 Datasheet
445Kb / 3P
25 Watts, 1.6-1.7 GHz RF Power Transistor
PTB20082 ERICSSON-PTB20082 Datasheet
168Kb / 4P
15 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
More results


Similar Description - PTB20081

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20011 ERICSSON-PTB20011 Datasheet
46Kb / 3P
20 Watts P-Sync, 470-860 MHz UHF TV Linear Power Transistor
PTB20017 ERICSSON-PTB20017 Datasheet
44Kb / 3P
150 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20091 ERICSSON-PTB20091 Datasheet
357Kb / 2P
30 Watts, 470-860 MHz UHF TV Linear Power Transistor
PTB20101 ERICSSON-PTB20101 Datasheet
44Kb / 3P
175 Watts P-Sync, 470-860 MHz UHF TV Power Transistor
PTB20188 ERICSSON-PTB20188 Datasheet
323Kb / 2P
4 Watts P-Sync, 470-860 MHz UHF TV Linear Power Transistor
PTB20195 ERICSSON-PTB20195 Datasheet
47Kb / 3P
150 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20206 ERICSSON-PTB20206 Datasheet
380Kb / 2P
1.0 Watt, 470-860 MHz RF Power Transistor
PTB20237 ERICSSON-PTB20237 Datasheet
541Kb / 4P
150 Watts, 470-860 MHz UHF TV Power Transistor
logo
Balluff Korea Ltd.
BIS012R BALLUFF-BIS012R Datasheet
146Kb / 2P
UHF (860...960 MHz)
BIS0167 BALLUFF-BIS0167 Datasheet
105Kb / 1P
UHF (860...960 MHz)
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com