Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20101 Datasheet (PDF) - Ericsson

PTB20101 Datasheet PDF - Ericsson
Part # PTB20101
Download  PTB20101 Download
File Size   44.64 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 175 Watts P-Sync, 470-860 MHz UHF TV Power Transistor

PTB20101 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTB20101 Datasheet PDF - Ericsson

Part # PTB20101
Download  PTB20101 Click to download

File Size   44.64 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 175 Watts P-Sync, 470-860 MHz UHF TV Power Transistor

PTB20101 Datasheet (HTML) - Ericsson


PTB20101 Product details

Description
The 20101 is a class AB, NPN, common emitter UHF TV power transistor intended for 28 Vdc operation from 470 to 860 MHz. It is rated at 175 watts P-sync minimum output power. Ion implantation, nitride surface passivation and gold metallization are used to ensure excellent device reliability. 100% lot traceability is standard.

• 28 Volt, 860 MHz Characteristics
   - Output Power = 175 Watts P-Sync
   - Output Power = 110 (CW)
   - Gain = 10.0 dB Min
• 55% Collector Efficiency at 110 Watts
• Class AB Characteristics
• Gold Metallization
• Silicon Nitride Passivated




Similar Part No. - PTB20101

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
PTB20101 ASI-PTB20101 Datasheet
49Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. C
More results


Similar Description - PTB20101

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20011 ERICSSON-PTB20011 Datasheet
46Kb / 3P
20 Watts P-Sync, 470-860 MHz UHF TV Linear Power Transistor
PTB20081 ERICSSON-PTB20081 Datasheet
385Kb / 3P
150 Watts, 470-860 MHz UHF TV Power Transistor
PTB20091 ERICSSON-PTB20091 Datasheet
357Kb / 2P
30 Watts, 470-860 MHz UHF TV Linear Power Transistor
PTB20188 ERICSSON-PTB20188 Datasheet
323Kb / 2P
4 Watts P-Sync, 470-860 MHz UHF TV Linear Power Transistor
PTB20190 ERICSSON-PTB20190 Datasheet
549Kb / 4P
175 Watts, 470-806 MHz Digital Television Power Transistor
PTB20206 ERICSSON-PTB20206 Datasheet
380Kb / 2P
1.0 Watt, 470-860 MHz RF Power Transistor
PTB20237 ERICSSON-PTB20237 Datasheet
541Kb / 4P
150 Watts, 470-860 MHz UHF TV Power Transistor
logo
Balluff Korea Ltd.
BIS012R BALLUFF-BIS012R Datasheet
146Kb / 2P
UHF (860...960 MHz)
BIS0167 BALLUFF-BIS0167 Datasheet
105Kb / 1P
UHF (860...960 MHz)
BIS0178 BALLUFF-BIS0178 Datasheet
106Kb / 2P
UHF (860...960 MHz)
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com