Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20174 Datasheet (PDF) - Ericsson

PTB20174 Datasheet PDF - Ericsson
Part # PTB20174
Download  PTB20174 Download
File Size   563.79 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 90 Watts, 1400-1600 MHz RF Power Transistor

PTB20174 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTB20174 Datasheet PDF - Ericsson

Part # PTB20174
Download  PTB20174 Click to download

File Size   563.79 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 90 Watts, 1400-1600 MHz RF Power Transistor

PTB20174 Datasheet (HTML) - Ericsson


PTB20174 Product details

Description
The 20174 is an NPN, common emitter RF power transistor intended for 26 Vdc class AB operation from 1400 to 1600 MHz. Rated at 90 watts minimum output power, it may be used for both CW and PEP applications. Ion implantation, nitride surface passivation and gold metallization are used to ensure excellent device reliability. 100% lot traceability is standard.

• Class AB Characteristics
• Specified 26 Volts, 1490 MHz
    - Output Power = 90 Watts
    - IMD at 90 Watts = -28 dBc max.
    - Gain at 90 Watts = 7.5 dB min.
• Gold Metallization
• Silicon Nitride Passivated




Similar Part No. - PTB20174

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20170 ERICSSON-PTB20170 Datasheet
261Kb / 5P
30 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20171 ERICSSON-PTB20171 Datasheet
43Kb / 2P
25 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20175 ERICSSON-PTB20175 Datasheet
579Kb / 4P
55 Watts, 1.9-2.0 GHz Cellular Radio RF Power Transistor
PTB20176 ERICSSON-PTB20176 Datasheet
47Kb / 3P
5 Watts, 1.78-1.92 GHz RF Power Transistor
PTB20177 ERICSSON-PTB20177 Datasheet
49Kb / 3P
150 Watts, 925-960 MHz Cellular Radio RF Power Transistor
More results


Similar Description - PTB20174

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20030 ERICSSON-PTB20030 Datasheet
44Kb / 3P
15 Watts, 420-470 MHz RF Power Transistor
PTB20031 ERICSSON-PTB20031 Datasheet
44Kb / 2P
40 Watts, 420-470 MHz RF Power Transistor
PTB20162 ERICSSON-PTB20162 Datasheet
42Kb / 2P
40 Watts, 470-900 MHz RF Power Transistor
PTB20167 ERICSSON-PTB20167 Datasheet
47Kb / 3P
60 Watts, 850-960 MHz RF Power Transistor
logo
Tyco Electronics
PH1819-90 MACOM-PH1819-90 Datasheet
108Kb / 1P
Wireless Power Transistor 90 Watts, 1805-1880 MHz
PH1920-90 MACOM-PH1920-90 Datasheet
48Kb / 1P
Wireless Power Transistor 90 Watts, 1930-1990 MHz
logo
Hitachi Metals, Ltd
FSLH-S150C HITACHI-METALS-FSLH-S150C Datasheet
53Kb / 4P
2012 Size 1400/1600 MHz Chip Multilayer Splitter/Combiner
logo
Tyco Electronics
MAPLST1617-030CF MACOM-MAPLST1617-030CF Datasheet
203Kb / 5P
RF Power Field Effect Transistor LDMOS, 1600 - 1700 MHz, 30W, 28V
logo
Artesyn Technologies
AIF04ZPFC-01L ARTESYN-AIF04ZPFC-01L Datasheet
549Kb / 3P
Total Power: 1600 Watts
logo
STMicroelectronics
STAC1214-350 STMICROELECTRONICS-STAC1214-350 Datasheet
330Kb / 12P
350 W, 50 V, 1200 to 1400 MHz RF power LDMOS transistor
04-Aug-2020
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com