Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20191 Datasheet (PDF) - Ericsson

PTB20191 Datasheet PDF - Ericsson
Part # PTB20191
Download  PTB20191 Download
File Size   424.66 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 12 Watts, 1.78-1.92 GHz RF Power Transistor

PTB20191 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTB20191 Datasheet PDF - Ericsson

Part # PTB20191
Download  PTB20191 Click to download

File Size   424.66 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 12 Watts, 1.78-1.92 GHz RF Power Transistor

PTB20191 Datasheet (HTML) - Ericsson


PTB20191 Product details

Description
The 20191 is a class AB, NPN, common emitter RF power transistor intended for 26 Vdc operation from 1.78 to 1.92 GHz. It is rated at 12 watts (CW) minimum output power, or 15 watts (PEP) output power. Ion implantation, nitride surface passivation and gold metallization are used to ensure excellent device reliability. 100% lot traceability is standard.

• Class AB Characteristics
• 26 Volt, 1.9 GHz Characterization
    - Output Power = 12 W(CW), 15 W(PEP)
• Internal Input Matching
• Gold Metallization
• Silicon Nitride Passivated




Similar Part No. - PTB20191

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20190 ERICSSON-PTB20190 Datasheet
549Kb / 4P
175 Watts, 470-806 MHz Digital Television Power Transistor
PTB20193 ERICSSON-PTB20193 Datasheet
519Kb / 3P
60 Watts, 1.8-1.9 GHz Cellular Radio RF Power Transistor
PTB20195 ERICSSON-PTB20195 Datasheet
47Kb / 3P
150 Watts, 860-900 MHz Cellular Radio RF Power Transistor
More results


Similar Description - PTB20191

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20080 ERICSSON-PTB20080 Datasheet
445Kb / 3P
25 Watts, 1.6-1.7 GHz RF Power Transistor
PTB20157 ERICSSON-PTB20157 Datasheet
45Kb / 3P
20 Watts, 1.35-1.85 GHz RF Power Transistor
PTB20176 ERICSSON-PTB20176 Datasheet
47Kb / 3P
5 Watts, 1.78-1.92 GHz RF Power Transistor
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
6 Watts, 1.8-2.0 GHz RF Power Transistor
PTB20228 ERICSSON-PTB20228 Datasheet
447Kb / 3P
6.5 Watts, 1.62-1.66 GHz RF Power Transistor
logo
Tyco Electronics
PH1819-15N MACOM-PH1819-15N Datasheet
229Kb / 3P
Wireless Bipolar Power Transistor, 15W . 1.78 - 1.90 GHz
PH1819-2 MACOM-PH1819-2 Datasheet
268Kb / 4P
Wireless Bipolar Power Transistor, 2W 1.78 - 1.90 GHz
PH1819-4N MACOM-PH1819-4N Datasheet
224Kb / 3P
Wireless Bipolar Power Transistor, 4W 1.78 - 1.90 GHz
logo
M/A-COM Technology Solu...
PH1819-10 MA-COM-PH1819-10 Datasheet
202Kb / 3P
Wireless Bipolar Power Transistor 10W, 1.78-1.90 GHz
PH1819-15N MA-COM-PH1819-15N Datasheet
190Kb / 3P
Wireless Bipolar Power Transistor 15W, 1.78-1.90 GHz
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com