Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20157 Datasheet (PDF) - Ericsson

PTB20157 Datasheet PDF - Ericsson
Part # PTB20157
Download  PTB20157 Download
File Size   45.5 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 20 Watts, 1.35-1.85 GHz RF Power Transistor

PTB20157 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTB20157 Datasheet PDF - Ericsson

Part # PTB20157
Download  PTB20157 Click to download

File Size   45.5 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 20 Watts, 1.35-1.85 GHz RF Power Transistor

PTB20157 Datasheet (HTML) - Ericsson


PTB20157 Product details

Description

The 20157 is an NPN common base RF power transistor intended for 22–26 Vdc class C operation from 1.35 to 1.85 GHz. Rated at 20 watts minimum output power, it may be used for both CW and PEP applications. Ion implantation, nitride surface passivation and gold metallization are used to ensure excellent device reliability. 100% lot traceability is standard.



• 20 Watts, 1.35–1.85 GHz

• Class C Characteristics

• 40% Min Collector Efficiency at 20 Watts

• Gold Metallization

• Silicon Nitride Passivated



 




Similar Part No. - PTB20157

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20151 ERICSSON-PTB20151 Datasheet
639Kb / 5P
45 Watts, 1.8-2.0 GHz PCN/PCS Power Transistor
PTB20155 ERICSSON-PTB20155 Datasheet
43Kb / 3P
9 Watts, 610-960 MHz UHF Power Transistor
PTB20156 ERICSSON-PTB20156 Datasheet
43Kb / 3P
8 Watts, 1350-1850 MHz Microwave Power Transistor
More results


Similar Description - PTB20157

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20079 ERICSSON-PTB20079 Datasheet
184Kb / 3P
10 Watts, 1.6-1.7 GHz INMARSAT RF Power Transistor
PTB20080 ERICSSON-PTB20080 Datasheet
445Kb / 3P
25 Watts, 1.6-1.7 GHz RF Power Transistor
PTB20147 ERICSSON-PTB20147 Datasheet
385Kb / 2P
2.5 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20175 ERICSSON-PTB20175 Datasheet
579Kb / 4P
55 Watts, 1.9-2.0 GHz Cellular Radio RF Power Transistor
PTB20176 ERICSSON-PTB20176 Datasheet
47Kb / 3P
5 Watts, 1.78-1.92 GHz RF Power Transistor
PTB20191 ERICSSON-PTB20191 Datasheet
424Kb / 3P
12 Watts, 1.78-1.92 GHz RF Power Transistor
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
6 Watts, 1.8-2.0 GHz RF Power Transistor
PTB20228 ERICSSON-PTB20228 Datasheet
447Kb / 3P
6.5 Watts, 1.62-1.66 GHz RF Power Transistor
logo
Micronetics, Inc.
EL0036 MICRONETICS-EL0036 Datasheet
150Kb / 2P
High Power Limiters 1.25 GHz to 1.35 GHz
logo
Pasternack Enterprises,...
PE15B5001 PASTERNACK-PE15B5001 Datasheet
792Kb / 7P
High Power Bi-Directional Amplifier, 5/20 Watts, 1.35 GHz to 1.39 GHz, 1 us switching, 22 dB Gain, SMA
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com