Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20079 Datasheet (PDF) - Ericsson

PTB20079 Datasheet PDF - Ericsson
Part # PTB20079
Download  PTB20079 Download
File Size   184.58 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 10 Watts, 1.6-1.7 GHz INMARSAT RF Power Transistor

PTB20079 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTB20079 Datasheet PDF - Ericsson

Part # PTB20079
Download  PTB20079 Click to download

File Size   184.58 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 10 Watts, 1.6-1.7 GHz INMARSAT RF Power Transistor

PTB20079 Datasheet (HTML) - Ericsson


PTB20079 Product details

Description
The 20079 is a class A/AB, NPN, silicon bipolar junction, internally matched, common emitter RF Power transistor intended for 26 Vdc operation across 1.6 to 1.7 GHz frequency band. It is rated at 10 Watts minimum output power for PEP applications. Ion implantation, nitride surface passivation and gold metallization ensure excellent device reliability. 100% lot traceability is standard.

• 10 Watts, 1.6–1.7 GHz
• Class A/AB Characteristics
• 38% Collector Efficiency at 10 Watts
• Gold Metallization
• Silicon Nitride Passivated




Similar Part No. - PTB20079

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20074 ERICSSON-PTB20074 Datasheet
40Kb / 2P
14 watts, 1.477-1.501 GHz Cellular Radio RF Power Transistor
PTB20077 ERICSSON-PTB20077 Datasheet
170Kb / 3P
0.7 Watts, 1525-1660 MHz INMARSAT RF Power Transistor
PTB20078 ERICSSON-PTB20078 Datasheet
192Kb / 3P
2.5 Watts, 1525-1660 MHz INMARSAT RF Power Transistor
More results


Similar Description - PTB20079

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20077 ERICSSON-PTB20077 Datasheet
170Kb / 3P
0.7 Watts, 1525-1660 MHz INMARSAT RF Power Transistor
PTB20078 ERICSSON-PTB20078 Datasheet
192Kb / 3P
2.5 Watts, 1525-1660 MHz INMARSAT RF Power Transistor
PTB20080 ERICSSON-PTB20080 Datasheet
445Kb / 3P
25 Watts, 1.6-1.7 GHz RF Power Transistor
PTB20157 ERICSSON-PTB20157 Datasheet
45Kb / 3P
20 Watts, 1.35-1.85 GHz RF Power Transistor
PTB20191 ERICSSON-PTB20191 Datasheet
424Kb / 3P
12 Watts, 1.78-1.92 GHz RF Power Transistor
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
6 Watts, 1.8-2.0 GHz RF Power Transistor
PTB20264 ERICSSON-PTB20264 Datasheet
617Kb / 3P
10 Watts, 1.8-1.9 GHz Cellular Radio RF Power Transistor
logo
Tyco Electronics
PH1617-2 MACOM-PH1617-2 Datasheet
283Kb / 4P
Wireless Bipolar Power Transistor, 2W 1.6 - 1.7 GHz
logo
List of Unclassifed Man...
PH1617-30 ETC1-PH1617-30 Datasheet
212Kb / 3P
Wireless Bipolar Power Transistor, 30W 1.6-1.7 GHz
logo
STMicroelectronics
ST16010 STMICROELECTRONICS-ST16010 Datasheet
1Mb / 12P
10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
13-May-2021
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com