Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20156 Datasheet (PDF) - Ericsson

PTB20156 Datasheet PDF - Ericsson
Part # PTB20156
Download  PTB20156 Download
File Size   43.92 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 8 Watts, 1350-1850 MHz Microwave Power Transistor

PTB20156 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTB20156 Datasheet PDF - Ericsson

Part # PTB20156
Download  PTB20156 Click to download

File Size   43.92 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 8 Watts, 1350-1850 MHz Microwave Power Transistor

PTB20156 Datasheet (HTML) - Ericsson


PTB20156 Product details

Description
The 20156 is an NPN, common base RF power transistor intended for 22 Vdc operation from 1350 to 1850 MHz. Rated at 8 watts minimum output power, it may be used for both CW and PEP applications. Ion implantation, nitride surface passivation and gold metallization are used to ensure excellent device reliability. 100% lot traceability is standard.

• Specified 22 Volts
• Class C Characteristics
• Output Power: 8 Watts
• Gain: 6.0 dB Min. at 8 Watts
• Gold Metallization
• Silicon Nitride Passivated




Similar Part No. - PTB20156

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20151 ERICSSON-PTB20151 Datasheet
639Kb / 5P
45 Watts, 1.8-2.0 GHz PCN/PCS Power Transistor
PTB20155 ERICSSON-PTB20155 Datasheet
43Kb / 3P
9 Watts, 610-960 MHz UHF Power Transistor
PTB20157 ERICSSON-PTB20157 Datasheet
45Kb / 3P
20 Watts, 1.35-1.85 GHz RF Power Transistor
More results


Similar Description - PTB20156

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1133 MACOM-PA1133 Datasheet
162Kb / 1P
1850-1910 MHz,Linear Power Amplifier
logo
GHz Technology
1718-32L GHZTECH-1718-32L Datasheet
182Kb / 2P
32 Watt - 24 Volts, Class C Microwave 1750 - 1850 MHz
1719-35 GHZTECH-1719-35 Datasheet
229Kb / 2P
35 Watt - 28 Volts, Class C Microwave 1725 - 1850 MHz
1819-35 GHZTECH-1819-35 Datasheet
206Kb / 2P
35 Watt - 28 Volts, Class C Microwave 1750 - 1850 MHz
logo
Johanson Technology Inc...
0892DP15B1850 JOHANSON-0892DP15B1850 Datasheet
93Kb / 2P
892 / 1850 MHz Diplexer
0892DP15D1940 JOHANSON-0892DP15D1940 Datasheet
130Kb / 2P
892 / 1850 MHz Diplexer
0892DP14A1850 JOHANSON-0892DP14A1850 Datasheet
166Kb / 2P
892/1850 MHz Diplexer
logo
Skyworks Solutions Inc.
SKY77732 SKYWORKS-SKY77732 Datasheet
155Kb / 3P
Power Amplifier Module for CDMA PCS (1850 MHz??910 MHz)
logo
TAI-SAW TECHNOLOGY CO.,...
TA0332B TAI-SAW-TA0332B Datasheet
156Kb / 6P
SAW Filter 1350 MHz
TA2039A TAI-SAW-TA2039A Datasheet
731Kb / 7P
SAW Filter 1850 MHz
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com