Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C10806B Datasheet (PDF) - Pericom Semiconductor Corporation

PI6C10806B Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6C10806B
Download  PI6C10806B Download
File Size   741.92 Kbytes
Page   13 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 1.8V/2.5V/3.3V, 100MHz, Low Skew 1:6 Crystal to LVCMOS Clock Buffer

PI6C10806B Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C10806B Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6C10806B
Download  PI6C10806B Click to download

File Size   741.92 Kbytes
Page   13 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 1.8V/2.5V/3.3V, 100MHz, Low Skew 1:6 Crystal to LVCMOS Clock Buffer

PI6C10806B Datasheet (HTML) - Pericom Semiconductor Corporation


PI6C10806B Product details

Description
Pericom Semiconductor’s PI6C10806B is a low skew six output crystal oscillator driver. Crystal oscillator input range is from 10MHz to 50MHz. If XTAL_IN is driven with a signal source, then the input frequency can be as high as 100MHz. PI6C10806B, the outputs are configured into 2 groups: a five output and a single output; each with independent output enable.
PI6C10806B has a wide range of operating voltages: 1.8V, 2.5V, and 3.3V. This feature paired with the low output-to-output and part-to-part skew makes the device ideal for low voltage, low power, high frequency single ended applications; such as networking

Features
• Six low skew outputs: < 80ps
• Crystal oscillator input: 10MHz to 50MHz
• Switching frequency up to 100 MHz
• Fast output rise/fall time: < 800ps
• Synchronous output enables
• Industrial Temperature range: –40°C to +85°C
• 1.8V, 2.5V and 3.3V operation
    – Mixed 3.3V core/2.5V output, 3.3V core/1.8V output, and 2.5V core/1.8V output operating voltages
• Packaging (Pb-free & Green available):
    – 16-pin 173-mil wide TSSOP (L)




Similar Part No. - PI6C10806B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C10806 PERICOM-PI6C10806 Datasheet
445Kb / 7P
1.8V/2.5V, 250MHz, Low Skew 1:6 Crystal to LVCMOS Clock Buffer
More results


Similar Description - PI6C10806B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C10806 PERICOM-PI6C10806 Datasheet
445Kb / 7P
1.8V/2.5V, 250MHz, Low Skew 1:6 Crystal to LVCMOS Clock Buffer
logo
Integrated Device Techn...
ICS8536-02 IDT-ICS8536-02 Datasheet
884Kb / 17P
Low Skew, 1-to-6, Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL Fanout Buffer
ICS8536I-33 IDT-ICS8536I-33 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-6, CRYSTAL OSCILLATOR/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS FANOUT BUFFER
ICS8536AG IDT-ICS8536AG Datasheet
176Kb / 21P
Low Skew, 1-to-6, Crystal LVCMOS Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
logo
ON Semiconductor
NB3H83905C ONSEMI-NB3H83905C Datasheet
206Kb / 15P
1.8V/2.5V/3.3V Crystal Input to 1 6 LVTTL/LVCMOS Clock Fanout Buffer with OE
November, 2012 ??Rev. 9
NB3V1102C ONSEMI-NB3V1102C Datasheet
318Kb / 11P
3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
logo
Pericom Semiconductor C...
PI6C4911506-06 PERICOM-PI6C4911506-06 Datasheet
967Kb / 7P
Low Skew, 1-To-6, Crystal/LVCMOS/Differential - 3.3V, 2.5V LVPECL Fanout Buffer
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C_16 Datasheet
330Kb / 12P
3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
March, 2016 ??Rev. 2
logo
Renesas Technology Corp
8536I-33 RENESAS-8536I-33 Datasheet
575Kb / 20P
Low Skew, 1-to-6, Crystal Oscillator/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
7/10/15
ICS8536-01 RENESAS-ICS8536-01 Datasheet
469Kb / 22P
Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com