Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6872 Datasheet (PDF) - Filtronic Compound Semiconductors

LP6872 Datasheet PDF - Filtronic Compound Semiconductors
Part # LP6872
Download  LP6872 Download
File Size   38.59 Kbytes
Page   2 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description 0.5W POWER PHEMT

LP6872 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP6872 Datasheet PDF - Filtronic Compound Semiconductors

Part # LP6872
Download  LP6872 Click to download

File Size   38.59 Kbytes
Page   2 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description 0.5W POWER PHEMT

LP6872 Datasheet (HTML) - Filtronic Compound Semiconductors


LP6872 Product details

DESCRIPTION AND APPLICATIONS

The LP6872 is an Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs) Pseudomorphic High Electron Mobility Transistor (PHEMT), utilizing an Electron-Beam direct write 0.25 mm by 720 mm Schottky barrier gate. The recessed “mushroom” gate structure minimizes parasitic gate-source and gate resistances. The epitaxial structure and processing have been optimized for reliable high-power applications. The LP6872 also features Si3N4 passivation.

Typical applications include commercial wireless infrastructure amplifiers, such as SATCOM uplink ransmitters, PCS/Cellular low-voltage high-efficiency output amplifiers, and medium-haul digital radio transmitters.



FEATURES

♦ 27 dBm Output Power at 1-dB Compression at 18 GHz

♦ 9.5 dB Power Gain at 18 GHz

♦ 55% Power-Added Efficiency



 




Similar Part No. - LP6872

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP6872P100 FILTRONIC-LP6872P100 Datasheet
23Kb / 2P
Packaged 0.5W Power PHEMT
LP6872P100-1 FILTRONIC-LP6872P100-1 Datasheet
23Kb / 2P
Packaged 0.5W Power PHEMT
LP6872P100-2 FILTRONIC-LP6872P100-2 Datasheet
23Kb / 2P
Packaged 0.5W Power PHEMT
LP6872P100-3 FILTRONIC-LP6872P100-3 Datasheet
23Kb / 2P
Packaged 0.5W Power PHEMT
More results


Similar Description - LP6872

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP6872P100 FILTRONIC-LP6872P100 Datasheet
23Kb / 2P
Packaged 0.5W Power PHEMT
FPD750 FILTRONIC-FPD750 Datasheet
175Kb / 2P
0.5W POWER PHEMT
FPD750P100 FILTRONIC-FPD750P100 Datasheet
182Kb / 3P
0.5W PACKAGED POWER PHEMT
logo
Everlight Electronics C...
EHP-A09 EVERLIGHT-EHP-A09 Datasheet
171Kb / 10P
High Power LED - 0.5W
logo
Filtronic Compound Semi...
FPD750 FILTRONIC-FPD750_1 Datasheet
145Kb / 3P
0.5W POWER PHEMT
logo
Transcom, Inc.
TC3947 TRANSCOM-TC3947 Datasheet
194Kb / 3P
0.5W Packaged Single-Bias PHEMT GaAs Power FETs
logo
RF Micro Devices
FPD750 RFMD-FPD750 Datasheet
241Kb / 4P
0.5W POWER pHEMT
logo
Everlight Electronics C...
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
High Power LED-0.5W
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-T150-WW LIGITEK-LG-5630WKZ-DT-1-T150-WW Datasheet
356Kb / 16P
0.5W Power Light LED
logo
Elite Enterprises (H.K....
PP6N-FLXE ELITE-PP6N-FLXE Datasheet
924Kb / 20P
0.5W Power LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com