Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6872 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # LP6872
Description  0.5W POWER PHEMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LP6872 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  LP6872 Datasheet HTML 1Page - Filtronic Compound Semiconductors LP6872 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LP6872
0.5W POWER PHEMT
Phone:
(408) 988-1845
http://
www.filss.com
Revised:
1/18/01
Fax:
(408) 970-9950
Email:
sales@filss.com
• FEATURES
♦ 27 dBm Output Power at 1-dB
Compression at 18 GHz
♦ 9.5 dB Power Gain at 18 GHz
♦ 55% Power-Added Efficiency
• DESCRIPTION AND APPLICATIONS
The LP6872 is an Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs)
Pseudomorphic High Electron Mobility Transistor (PHEMT), utilizing an Electron-Beam direct-
write 0.25
µm by 720 µm Schottky barrier gate. The recessed “mushroom” gate structure minimizes
parasitic gate-source and gate resistances.
The epitaxial structure and processing have been
optimized for reliable high-power applications. The LP6872 also features Si3N4 passivation.
Typical applications include commercial wireless infrastructure amplifiers, such as SATCOM uplink
transmitters, PCS/Cellular low-voltage high-efficiency output amplifiers, and medium-haul digital
radio transmitters.
• ELECTRICAL SPECIFICATIONS @ T
Ambient = 25 °
°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Saturated Drain-Source Current
IDSS
VDS = 2 V; VGS = 0 V
180
245
260
mA
Power at 1-dB Compression
P-1dB
VDS = 8 V; IDS = 50% IDSS
25
27
dBm
Power Gain at 1-dB Compression
G-1dB
VDS = 8 V; IDS = 50% IDSS
8
9.5
dB
Power-Added Efficiency
PAE
VDS = 8 V; IDS = 50% IDSS
55
%
Maximum Drain-Source Current
IMAX
VDS = 2 V; VGS = 1 V
385
mA
Transconductance
GM
VDS = 2 V; VGS = 0 V
175
220
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
5
40
µA
Pinch-Off Voltage
VP
VDS = 2 V; IDS = 4 mA
-0.25
-1.2
-2.0
V
Gate-Source Breakdown
Voltage Magnitude
|VBDGS|
IGS = 4 mA
-10
-13
V
Gate-Drain Breakdown
Voltage Magnitude
|VBDGD|
IGD = 4 mA
-10
-14
V
Thermal Resistivity
Θ
JC
70
°C/W
frequency=18 GHz
DRAIN
BOND
PAD (2X)
SOURCE
BOND
PAD (2x)
DIE SIZE: 14.6X19.7 mils (370x500
µm)
DIE THICKNESS: 3.0 mils (75
µm)
BONDING PADS: 1.9X2.4 mils (50x60
µm)
GATE
BOND
PAD (2X)


Similar Part No. - LP6872

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP6872P100 FILTRONIC-LP6872P100 Datasheet
23Kb / 2P
Packaged 0.5W Power PHEMT
LP6872P100-1 FILTRONIC-LP6872P100-1 Datasheet
23Kb / 2P
Packaged 0.5W Power PHEMT
LP6872P100-2 FILTRONIC-LP6872P100-2 Datasheet
23Kb / 2P
Packaged 0.5W Power PHEMT
LP6872P100-3 FILTRONIC-LP6872P100-3 Datasheet
23Kb / 2P
Packaged 0.5W Power PHEMT
More results

Similar Description - LP6872

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP6872P100 FILTRONIC-LP6872P100 Datasheet
23Kb / 2P
Packaged 0.5W Power PHEMT
FPD750 FILTRONIC-FPD750 Datasheet
175Kb / 2P
0.5W POWER PHEMT
FPD750P100 FILTRONIC-FPD750P100 Datasheet
182Kb / 3P
0.5W PACKAGED POWER PHEMT
logo
Everlight Electronics C...
EHP-A09 EVERLIGHT-EHP-A09 Datasheet
171Kb / 10P
High Power LED - 0.5W
logo
Filtronic Compound Semi...
FPD750 FILTRONIC-FPD750_1 Datasheet
145Kb / 3P
0.5W POWER PHEMT
logo
Transcom, Inc.
TC3947 TRANSCOM-TC3947 Datasheet
194Kb / 3P
0.5W Packaged Single-Bias PHEMT GaAs Power FETs
logo
RF Micro Devices
FPD750 RFMD-FPD750 Datasheet
241Kb / 4P
0.5W POWER pHEMT
logo
Everlight Electronics C...
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
High Power LED-0.5W
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-T150-WW LIGITEK-LG-5630WKZ-DT-1-T150-WW Datasheet
356Kb / 16P
0.5W Power Light LED
logo
Elite Enterprises (H.K....
PP6N-FLXE ELITE-PP6N-FLXE Datasheet
924Kb / 20P
0.5W Power LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com