Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPD200 Datasheet (PDF) - Filtronic Compound Semiconductors

LPD200 Datasheet PDF - Filtronic Compound Semiconductors
Part # LPD200
Download  LPD200 Download
File Size   30.4 Kbytes
Page   2 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description HIGH PERFORMANCE PHEMT

LPD200 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPD200 Datasheet PDF - Filtronic Compound Semiconductors

Part # LPD200
Download  LPD200 Click to download

File Size   30.4 Kbytes
Page   2 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description HIGH PERFORMANCE PHEMT

LPD200 Datasheet (HTML) - Filtronic Compound Semiconductors


LPD200 Product details

DESCRIPTION AND APPLICATIONS
The LPD200 is an Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs) Pseudomorphic High Electron Mobility Transistor (PHEMT), utilizing an Electron-Beam directwrite 0.25 mm by 200 mm Schottky barrier gate. The recessed “mushroom” gate structure minimizes parasitic gate-source and gate resistances. The epitaxial structure and processing have been optimized for high dynamic range. The LPD200 also features Si3N4 passivation and is available in various packages, such as ceramic P70 and other plastic packages.
Typical applications include use in low noise, broadband amplifiers.

FEATURES
♦ 21 dBm Output Power at 1-dB Compression at 18 GHz
♦ 12 dB Power Gain at 18 GHz
♦ 1.0 dB Noise Figure at 18 GHz
♦ 55% Power-Added Efficiency




Similar Part No. - LPD200

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LPD200MX FILTRONIC-LPD200MX Datasheet
68Kb / 2P
HIGH PERFORMANCE PHEMT
LPD200P70 FILTRONIC-LPD200P70 Datasheet
61Kb / 3P
PACKAGED HIGH DYNAMIC RANGE PHEMT
LPD200SOT343 FILTRONIC-LPD200SOT343 Datasheet
68Kb / 2P
PACKAGED HIGH DYNAMIC RANGE PHEMT
More results


Similar Description - LPD200

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FP100 FILTRONIC-FP100 Datasheet
32Kb / 2P
HIGH PERFORMANCE PHEMT
FPDA200V FILTRONIC-FPDA200V Datasheet
57Kb / 3P
HIGH PERFORMANCE PHEMT WITH SOURCE VIAS
LP7612 FILTRONIC-LP7612 Datasheet
39Kb / 2P
HIGH DYNAMIC RANGE PHEMT
LPD200MX FILTRONIC-LPD200MX Datasheet
68Kb / 2P
HIGH PERFORMANCE PHEMT
LPS200 FILTRONIC-LPS200 Datasheet
29Kb / 2P
HIGH PERFORMANCE LOW NOISE PHEMT
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
High Performance High Performance
July, 2006 ??Rev. 3
logo
Filtronic Compound Semi...
FPD200P70 FILTRONIC-FPD200P70_1 Datasheet
421Kb / 9P
HIGH FREQUENCY PACKAGED PHEMT
logo
Freescale Semiconductor...
MMG20271HT1 FREESCALE-MMG20271HT1 Datasheet
552Kb / 18P
Enhancement Mode pHEMT Technology (E-pHEMT) High Linearity Amplifier
logo
List of Unclassifed Man...
MMA-273336 ETC1-MMA-273336 Datasheet
9Mb / 20P
High Performance/Quality MMIC Based on InGaP HBT, pHEMT, and Linear MESFET Technologies
logo
NXP Semiconductors
MMG20271H NXP-MMG20271H Datasheet
476Kb / 18P
Enhancement Mode pHEMT Technology (E--pHEMT) High Linearity Amplifier
Rev. 1, 9/2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com