Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPD200MX Datasheet (PDF) - Filtronic Compound Semiconductors

LPD200MX Datasheet PDF - Filtronic Compound Semiconductors
Part # LPD200MX
Download  LPD200MX Download
File Size   68.94 Kbytes
Page   2 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description HIGH PERFORMANCE PHEMT

LPD200MX Datasheet (PDF)

Go To PDF Page Download Datasheet
LPD200MX Datasheet PDF - Filtronic Compound Semiconductors

Part # LPD200MX
Download  LPD200MX Click to download

File Size   68.94 Kbytes
Page   2 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description HIGH PERFORMANCE PHEMT

LPD200MX Datasheet (HTML) - Filtronic Compound Semiconductors


LPD200MX Product details

DESCRIPTION AND APPLICATIONS
The LPD200 is an Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs) Pseudomorphic High Electron Mobility Transistor (PHEMT), utilizing an Electron-Beam direct-write 0.25 mm by 200 mm Schottky barrier gate. The recessed “mushroom” Ti/Pt/Au gate structure minimizes parasitic gate-source and gate resistances. The epitaxial structure and processing have been optimized for high dynamic range. The LPD200’s active areas are passivated with Si3N4, and the micro X package is ideal for low-cost, high-performance applications that require a surface-mount package.
The LPD200MX is designed for commercial systems for use in low noise amplifiers and oscillators operating over the RF and Microwave frequency ranges. The low noise figure makes it appopriate for use in receivers in MMDS and GPS. This device is also suitable as a driver stage for WLAN and ISM band spread spectrum applications.

FEATURES
♦ 1.0 dB Noise Figure at 1.8 GHz
♦ 15.5 dBm P-1dB 1.8 GHz, 17dBm@6GHz, 10.5dBm@12GHz
♦ 19 dB Power Gain at 1.8 GHz, 10dB@6GHz, 8dB@12GHz
♦ 31 dBm IP3 at 1.8 GHz
♦ 60% Power-Added-Efficiency




Similar Part No. - LPD200MX

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LPD200 FILTRONIC-LPD200 Datasheet
30Kb / 2P
HIGH PERFORMANCE PHEMT
LPD200P70 FILTRONIC-LPD200P70 Datasheet
61Kb / 3P
PACKAGED HIGH DYNAMIC RANGE PHEMT
LPD200SOT343 FILTRONIC-LPD200SOT343 Datasheet
68Kb / 2P
PACKAGED HIGH DYNAMIC RANGE PHEMT
More results


Similar Description - LPD200MX

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FP100 FILTRONIC-FP100 Datasheet
32Kb / 2P
HIGH PERFORMANCE PHEMT
FPDA200V FILTRONIC-FPDA200V Datasheet
57Kb / 3P
HIGH PERFORMANCE PHEMT WITH SOURCE VIAS
LP7612 FILTRONIC-LP7612 Datasheet
39Kb / 2P
HIGH DYNAMIC RANGE PHEMT
LPD200 FILTRONIC-LPD200 Datasheet
30Kb / 2P
HIGH PERFORMANCE PHEMT
LPS200 FILTRONIC-LPS200 Datasheet
29Kb / 2P
HIGH PERFORMANCE LOW NOISE PHEMT
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
High Performance High Performance
July, 2006 ??Rev. 3
logo
Filtronic Compound Semi...
FPD200P70 FILTRONIC-FPD200P70_1 Datasheet
421Kb / 9P
HIGH FREQUENCY PACKAGED PHEMT
logo
Freescale Semiconductor...
MMG20271HT1 FREESCALE-MMG20271HT1 Datasheet
552Kb / 18P
Enhancement Mode pHEMT Technology (E-pHEMT) High Linearity Amplifier
logo
List of Unclassifed Man...
MMA-273336 ETC1-MMA-273336 Datasheet
9Mb / 20P
High Performance/Quality MMIC Based on InGaP HBT, pHEMT, and Linear MESFET Technologies
logo
NXP Semiconductors
MMG20271H NXP-MMG20271H Datasheet
476Kb / 18P
Enhancement Mode pHEMT Technology (E--pHEMT) High Linearity Amplifier
Rev. 1, 9/2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com