Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT589TA Datasheet (PDF) - Diodes Incorporated

FMMT589TA Datasheet PDF - Diodes Incorporated
Part # FMMT589TA
Download  FMMT589TA Download
File Size   692.63 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23

FMMT589TA Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT589TA Datasheet PDF - Diodes Incorporated

Part # FMMT589TA
Download  FMMT589TA Click to download

File Size   692.63 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23

FMMT589TA Datasheet (HTML) - Diodes Incorporated


FMMT589TA Product details

Features
● BVCEO > -30V
● IC = -1A Continuous Collector Current
● ICM = -2A Peak Pulse Current
● Low saturation voltage VCE(sat) < -350mV @ -1A
● RSAT = 250mΩ for a low equivalent on-resistance
● Complementary NPN type: FMMT489
● Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
● Halogen and Antimony Free. “Green” Device (Note 3)
● Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FMMT589TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT589 ZETEX-FMMT589 Datasheet
48Kb / 1P
PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT589 KEXIN-FMMT589 Datasheet
35Kb / 1P
Power High Performance Transistor
logo
Diodes Incorporated
FMMT589 DIODES-FMMT589 Datasheet
55Kb / 1P
SOT23 PNP SILICON PLANAR MEDIUM
JANUARY 1997
FMMT589 DIODES-FMMT589_15 Datasheet
692Kb / 7P
30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 7
More results


Similar Description - FMMT589TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT591 DIODES-FMMT591 Datasheet
298Kb / 8P
Medium power PNP transistor in SOT23
september 2007
FMMT591ATC DIODES-FMMT591ATC Datasheet
342Kb / 7P
40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 5
FMMT591TC DIODES-FMMT591TC Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
BCW68H DIODES-BCW68H_15 Datasheet
199Kb / 5P
45V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT589 DIODES-FMMT589_15 Datasheet
692Kb / 7P
30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 7
FMMT591 DIODES-FMMT591_15 Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT591A DIODES-FMMT591A_15 Datasheet
342Kb / 7P
40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 5
FMMT489 DIODES-FMMT489_15 Datasheet
248Kb / 7P
30V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
ZXTP2041F DIODES-ZXTP2041F_15 Datasheet
331Kb / 7P
40V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 7
ZXTP25060BFH DIODES-ZXTP25060BFH_15 Datasheet
229Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com