Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT591ATC Datasheet (PDF) - Diodes Incorporated

FMMT591ATC Datasheet PDF - Diodes Incorporated
Part # FMMT591ATC
Download  FMMT591ATC Download
File Size   342.3 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23

FMMT591ATC Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT591ATC Datasheet PDF - Diodes Incorporated

Part # FMMT591ATC
Download  FMMT591ATC Click to download

File Size   342.3 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23

FMMT591ATC Datasheet (HTML) - Diodes Incorporated


FMMT591ATC Product details

Features
• BVCEO > -40V
• IC = -1A High Continuous Current
• ICM = -2A Peak Pulse Current
• Low Saturation Voltage VCE(sat) < -500mV @ -1A
• RSAT = 350mΩ for a Low Equivalent On-resistance
• Complementary NPN type: FMMT491A
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Application
• Power MOSFET gate driving
• Low loss power switching




Similar Part No. - FMMT591ATC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT591ATA DIODES-FMMT591ATA Datasheet
155Kb / 4P
SOT23 PNP silicon planar medium power transistor
AUGUST 2008
More results


Similar Description - FMMT591ATC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25040DFH ZETEX-ZXTP25040DFH Datasheet
245Kb / 6P
40V SOT23 PNP medium power transistor
logo
Diodes Incorporated
FMMT591 DIODES-FMMT591 Datasheet
298Kb / 8P
Medium power PNP transistor in SOT23
september 2007
ZXTP25040DFH DIODES-ZXTP25040DFH Datasheet
251Kb / 6P
40V SOT23 PNP medium power transistor
MARCH 2008
FMMT589TA DIODES-FMMT589TA Datasheet
692Kb / 7P
30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 7
FMMT589 DIODES-FMMT589_15 Datasheet
692Kb / 7P
30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 7
FMMT591A DIODES-FMMT591A_15 Datasheet
342Kb / 7P
40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 5
ZXTN2040F DIODES-ZXTN2040F_15 Datasheet
488Kb / 6P
40V NPN MEDIUM POWER PLANAR TRANSISTOR IN SOT23
Rev 3
ZXTP2041F DIODES-ZXTP2041F_15 Datasheet
331Kb / 7P
40V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 7
ZXTP25040DFH DIODES-ZXTP25040DFH_15 Datasheet
251Kb / 6P
40V SOT23 PNP medium power transistor
MARCH 2008
ZXTP25040DFL DIODES-ZXTP25040DFL_15 Datasheet
184Kb / 7P
40V PNP LOW POWER TRANSISTOR IN SOT23
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com