Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT591ATC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FMMT591ATC
Description  40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT591ATC Datasheet(HTML) 4 Page - Diodes Incorporated

  FMMT591ATC Datasheet HTML 1Page - Diodes Incorporated FMMT591ATC Datasheet HTML 2Page - Diodes Incorporated FMMT591ATC Datasheet HTML 3Page - Diodes Incorporated FMMT591ATC Datasheet HTML 4Page - Diodes Incorporated FMMT591ATC Datasheet HTML 5Page - Diodes Incorporated FMMT591ATC Datasheet HTML 6Page - Diodes Incorporated FMMT591ATC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FMMT591A
Document number: DS33105 Rev. 5 - 2
4 of 7
www.diodes.com
December 2013
© Diodes Incorporated
FMMT591A
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-40
⎯
⎯
V
IC = -100μA
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
-40
⎯
⎯
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
⎯
⎯
V
IE = -100μA
Collector Cutoff Current
ICBO
⎯
⎯
-100
nA
VCB = -30V
Collector-Emitter Cutoff Current
ICES
⎯
⎯
-100
nA
VCES = -30V
Emitter Cutoff Current
IEBO
⎯
⎯
-100
nA
VEB = -5.6V
Collector-Emitter Saturation Voltage (Note 9)
VCE(sat)
⎯
⎯
⎯
⎯
-200
-350
-500
mV
IC = -100mA, IB = -1mA
IC = -500mA, IB = -20mA
IC = -1A, IB = -100mA
Base-Emitter Saturation Voltage (Note 9)
VBE(sat)
⎯
⎯
-1.1
V
IC = -1A, IB = -100mA
Base-Emitter Turn-On Voltage (Note 9)
VBE(on)
⎯
⎯
-1.0
V
IC = -1A, VCE = -5V
Static Forward Current Transfer Ratio (Note 9)
hFE
300
300
250
160
30
⎯
⎯
800
⎯
⎯
⎯
⎯
IC = -1mA, VCE = -5V
IC = -100mA, VCE = -5V
IC = -500mA, VCE = -5V
IC = -1A, VCE = -5V
IC = -2A, VCE = -5V
Transition Frequency
fT
150
00
⎯
MHz
VCE = -10V, IC = -50mA,
f = 100MHz
Output Capacitance
Cobo
⎯
⎯
10
pF
VCB = -10V, f = 1MHz
Switching Time
Delay Time
t(d)
⎯
34.9
⎯
ns
VCC = -10V, IC = -500mA,
IB1 = -IB2 =-25mA
Rise Time
t(r)
⎯
19.2
⎯
Storage Time
t(s)
⎯
249
⎯
Fall Time
t(f)
⎯
62
⎯
Note:
9. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com