Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT591ATC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT591ATC
Description  40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT591ATC Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT591ATC Datasheet HTML 1Page - Diodes Incorporated FMMT591ATC Datasheet HTML 2Page - Diodes Incorporated FMMT591ATC Datasheet HTML 3Page - Diodes Incorporated FMMT591ATC Datasheet HTML 4Page - Diodes Incorporated FMMT591ATC Datasheet HTML 5Page - Diodes Incorporated FMMT591ATC Datasheet HTML 6Page - Diodes Incorporated FMMT591ATC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMT591A
Document number: DS33105 Rev. 5 - 2
1 of 7
www.diodes.com
December 2013
© Diodes Incorporated
FMMT591A
A Product Line of
Diodes Incorporated
40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Features
•
BVCEO > -40V
•
IC = -1A High Continuous Current
•
ICM = -2A Peak Pulse Current
•
Low Saturation Voltage VCE(sat) < -500mV @ -1A
•
RSAT = 350mΩ for a Low Equivalent On-resistance
•
Complementary NPN type: FMMT491A
•
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
•
PPAP Capable (Note 4)
Mechanical Data
•
Case: SOT23
•
Case Material: Molded Plastic, “Green” Molding Compound
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
•
Weight: 0.008 grams (approximate)
Application
•
Power MOSFET gate driving
•
Low loss power switching
Ordering Information (Notes 4 & 5)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FMMT591ATA
AEC-Q101
91A
7
8
3,000
FMMT591ATC
AEC-Q101
91A
13
8
10,000
FMMT591AQTA
Automotive
91A
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information
Top View
Top View
Pin-Out
91A = Product Type Marking Code
Device Symbol
SOT23
589
C
E
B
C
E
B
91A


Similar Part No. - FMMT591ATC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT591ATA DIODES-FMMT591ATA Datasheet
155Kb / 4P
SOT23 PNP silicon planar medium power transistor
AUGUST 2008
More results

Similar Description - FMMT591ATC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25040DFH ZETEX-ZXTP25040DFH Datasheet
245Kb / 6P
40V SOT23 PNP medium power transistor
logo
Diodes Incorporated
FMMT591 DIODES-FMMT591 Datasheet
298Kb / 8P
Medium power PNP transistor in SOT23
september 2007
ZXTP25040DFH DIODES-ZXTP25040DFH Datasheet
251Kb / 6P
40V SOT23 PNP medium power transistor
MARCH 2008
FMMT589TA DIODES-FMMT589TA Datasheet
692Kb / 7P
30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 7
FMMT589 DIODES-FMMT589_15 Datasheet
692Kb / 7P
30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 7
FMMT591A DIODES-FMMT591A_15 Datasheet
342Kb / 7P
40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 5
ZXTN2040F DIODES-ZXTN2040F_15 Datasheet
488Kb / 6P
40V NPN MEDIUM POWER PLANAR TRANSISTOR IN SOT23
Rev 3
ZXTP2041F DIODES-ZXTP2041F_15 Datasheet
331Kb / 7P
40V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 7
ZXTP25040DFH DIODES-ZXTP25040DFH_15 Datasheet
251Kb / 6P
40V SOT23 PNP medium power transistor
MARCH 2008
ZXTP25040DFL DIODES-ZXTP25040DFL_15 Datasheet
184Kb / 7P
40V PNP LOW POWER TRANSISTOR IN SOT23
Rev 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com