Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT558 Datasheet (PDF) - Diodes Incorporated

FZT558 Datasheet PDF - Diodes Incorporated
Part # FZT558
Download  FZT558 Download
File Size   378.65 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 400V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223

FZT558 Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT558 Datasheet PDF - Diodes Incorporated

Part # FZT558
Download  FZT558 Click to download

File Size   378.65 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 400V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223

FZT558 Datasheet (HTML) - Diodes Incorporated


FZT558 Product details

Features
• BVCEO > -400V
• IC = -200mA High Continuous Current
• Excellent hFE Characteristics up to -100mA
• Low Saturation Voltage VCE(sat) < -200mV @ -20mA
• Complementary NPN Type: FZT458
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FZT558

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT558 ZETEX-FZT558 Datasheet
110Kb / 2P
PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FZT558 DIODES-FZT558 Datasheet
121Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
DECEMBER 1995
FZT558 DIODES-FZT558_15 Datasheet
546Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 4
More results


Similar Description - FZT558

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT704 ZETEX-FZT704 Datasheet
71Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FZT755 ZETEX-FZT755_05 Datasheet
40Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FZT549 DIODES-FZT549 Datasheet
52Kb / 1P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
MARCH 1995
FZT591 DIODES-FZT591 Datasheet
52Kb / 1P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FZT749 DIODES-FZT749 Datasheet
99Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ISSUE 4 - NOVEMBER 1995
FZT753 DIODES-FZT753 Datasheet
114Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FEBRUARY 1996
FZT755 DIODES-FZT755 Datasheet
47Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ISSUE 5 MARCH 2005
BCP51 DIODES-BCP51 Datasheet
116Kb / 7P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Rev 2
FZT458TA DIODES-FZT458TA Datasheet
272Kb / 7P
400V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT958 DIODES-FZT958_15 Datasheet
782Kb / 7P
400V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com