Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT649 Datasheet (PDF) - Diodes Incorporated

FZT649 Datasheet PDF - Diodes Incorporated
Part # FZT649
Download  FZT649 Download
File Size   550.99 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223

FZT649 Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT649 Datasheet PDF - Diodes Incorporated

Part # FZT649
Download  FZT649 Click to download

File Size   550.99 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223

FZT649 Datasheet (HTML) - Diodes Incorporated


FZT649 Product details

Features
• BVCEO > 25V
• IC = 3A High Continuous Current
• ICM = 8A Peak Pulse Current
• Low Saturation Voltage VCE(sat) < 300mV @ 1A
• Complementary PNP Type: FZT749
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FZT649

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT649 ZETEX-FZT649 Datasheet
91Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Fairchild Semiconductor
FZT649 FAIRCHILD-FZT649 Datasheet
28Kb / 3P
NPN Low Saturation Transistor
logo
Guangdong Kexin Industr...
FZT649 KEXIN-FZT649 Datasheet
38Kb / 2P
NPN Silicon Planar High Performance Transistor
logo
Diodes Incorporated
FZT649 DIODES-FZT649 Datasheet
103Kb / 2P
SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FEBRUARY 1996
logo
ON Semiconductor
FZT649 ONSEMI-FZT649 Datasheet
143Kb / 5P
NPN Low Saturation Transistor
July 1998 revB
More results


Similar Description - FZT649

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2005G ZETEX-ZXTN2005G Datasheet
127Kb / 6P
25V NPN LOW SATURATION TRANSISTOR IN SOT223
ZX5T869G ZETEX-ZX5T869G Datasheet
127Kb / 6P
25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2005G DIODES-ZXTN2005G Datasheet
141Kb / 6P
25V NPN LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZX5T869G DIODES-ZX5T869G Datasheet
132Kb / 6P
25V NPN LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
FZT651Q DIODES-FZT651Q Datasheet
526Kb / 7P
60V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 2
FZT651 DIODES-FZT651_15 Datasheet
501Kb / 7P
60V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 6
FZT749 DIODES-FZT749_15 Datasheet
644Kb / 7P
25V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 6
FZT869 DIODES-FZT869_15 Datasheet
663Kb / 7P
25V NPN HIGH CURRENT TRANSISTOR IN SOT223
Rev 3
FZT649 DIODES-FZT649_15 Datasheet
500Kb / 7P
25V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 6
ZXTN2005G DIODES-ZXTN2005G_15 Datasheet
476Kb / 7P
25V NPN LOW SATURATION TRANSISTOR IN SOT223
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com