Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6387DTR Datasheet (PDF) - STMicroelectronics

L6387DTR Datasheet PDF - STMicroelectronics
Part # L6387DTR
Download  L6387DTR Download
File Size   158.36 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER

L6387DTR Datasheet (PDF)

Go To PDF Page Download Datasheet
L6387DTR Datasheet PDF - STMicroelectronics

Part # L6387DTR
Download  L6387DTR Click to download

File Size   158.36 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER

L6387DTR Datasheet (HTML) - STMicroelectronics


L6387DTR Product details

HIGH VOLTAGE RAIL UP TO 600 V
dV/dt IMMUNITY +- 50 V/nsec IN FULL TEMPERATURE RANGE
DRIVER CURRENT CAPABILITY:
400 mA SOURCE,
650 mA SINK
SWITCHING TIMES 50/30 nsec RISE/FALL
WITH 1nF LOAD
CMOS/TTL SCHMITT TRIGGER INPUTS
WITH HYSTERESIS AND PULL DOWN
INTERNAL BOOTSTRAP DIODE
OUTPUTS IN PHASE WITH INPUTS

DESCRIPTION
The L6387 is an high-voltage device, manufactured with the BCD"OFF-LINE" technology. It has
a Driver structure that enables to drive independent referenced N Channel Power MOS or
IGBT. The Upper (Floating) Section is enabled to
work with voltage Rail up to 600V. The Logic Inputs are CMOS/TTL compatible for ease of interfacing with controlling devices.




Similar Part No. - L6387DTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6387D STMICROELECTRONICS-L6387D Datasheet
133Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
More results


Similar Description - L6387DTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Jul-1999
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2005
L6392 STMICROELECTRONICS-L6392 Datasheet
439Kb / 19P
High-voltage high and low side driver
18-Mar-2008
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385 STMICROELECTRONICS-L6385 Datasheet
147Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Nov-2003
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
High voltage high and low-side driver
27-Mar-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com