Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6399 Datasheet (PDF) - STMicroelectronics

L6399 Datasheet PDF - STMicroelectronics
Part # L6399
Download  L6399 Download
File Size   345.39 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage high and low-side driver

L6399 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6399 Datasheet PDF - STMicroelectronics

Part # L6399
Download  L6399 Click to download

File Size   345.39 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage high and low-side driver

L6399 Datasheet (HTML) - STMicroelectronics


L6399 Product details

Features
 High voltage rail up to 600 V
 dV/dt immunity ± 50 V/ns over full temperature
range
 Driver current capability:
– 290 mA source
– 430 mA sink
 Switching times 75/35 ns rise/fall with 1 nF load
 3.3 V, 5 V TTL/CMOS inputs with hysteresis
 Integrated bootstrap diode
 Internal 320 ns deadtime
 Interlocking function
 Compact and simplified layout
 Bill of material reduction
 Flexible, easy and fast design

Description
The L6399 is a high voltage device manufactured
using BCD™ “offline” technology. It is a singlechip
half bridge gate driver for N-channel power
MOSFETs or IGBTs.
The high-side (floating) section is designed to
withstand a voltage rail up to 600 V. The logic
inputs are CMOS/TTL compatible down to 3.3 V
for easy microcontroller/DSP interfacing.

Applications
 Home appliances
 Industrial applications and drives
 Motor drivers DC, AC, PMDC and PMAC
motors systems
 HVAC
 Factory automation
 Power supply systems
 Compressors
 Fans
 Lighting applications




Similar Part No. - L6399

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6390 STMICROELECTRONICS-L6390 Datasheet
473Kb / 22P
High-voltage high and low side driver
17-Jul-2008
L6390 STMICROELECTRONICS-L6390 Datasheet
760Kb / 25P
High voltage high/low-side driver
21-Mar-2018
L6390D STMICROELECTRONICS-L6390D Datasheet
473Kb / 22P
High-voltage high and low side driver
17-Jul-2008
L6390D STMICROELECTRONICS-L6390D Datasheet
760Kb / 25P
High voltage high/low-side driver
21-Mar-2018
L6390D013TR STMICROELECTRONICS-L6390D013TR Datasheet
473Kb / 22P
High-voltage high and low side driver
17-Jul-2008
More results


Similar Description - L6399

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Jul-1999
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2005
L6392 STMICROELECTRONICS-L6392 Datasheet
439Kb / 19P
High-voltage high and low side driver
18-Mar-2008
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385 STMICROELECTRONICS-L6385 Datasheet
147Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Nov-2003
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com