Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6399 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6399
Description  High voltage high and low-side driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6399 Datasheet(HTML) 1 Page - STMicroelectronics

  L6399 Datasheet HTML 1Page - STMicroelectronics L6399 Datasheet HTML 2Page - STMicroelectronics L6399 Datasheet HTML 3Page - STMicroelectronics L6399 Datasheet HTML 4Page - STMicroelectronics L6399 Datasheet HTML 5Page - STMicroelectronics L6399 Datasheet HTML 6Page - STMicroelectronics L6399 Datasheet HTML 7Page - STMicroelectronics L6399 Datasheet HTML 8Page - STMicroelectronics L6399 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
March 2017
DocID030402 Rev 2
1/18
L6399
High voltage high and low-side driver
Datasheet
- production data
Features
 High voltage rail up to 600 V
 dV/dt immunity ± 50 V/ns over full temperature
range
 Driver current capability:
– 290 mA source
– 430 mA sink
 Switching times 75/35 ns rise/fall with 1 nF load
 3.3 V, 5 V TTL/CMOS inputs with hysteresis
 Integrated bootstrap diode
 Internal 320 ns deadtime
 Interlocking function
 Compact and simplified layout
 Bill of material reduction
 Flexible, easy and fast design
Applications
 Home appliances
 Industrial applications and drives
 Motor drivers DC, AC, PMDC and PMAC
motors systems
 HVAC
 Factory automation
 Power supply systems
 Compressors
 Fans
 Lighting applications
Description
The L6399 is a high voltage device manufactured
using BCD™ “offline” technology. It is a single-
chip half bridge gate driver for N-channel power
MOSFETs or IGBTs.
The high-side (floating) section is designed to
withstand a voltage rail up to 600 V. The logic
inputs are CMOS/TTL compatible down to 3.3 V
for easy microcontroller/DSP interfacing.
www.st.com


Similar Part No. - L6399

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6390 STMICROELECTRONICS-L6390 Datasheet
473Kb / 22P
High-voltage high and low side driver
17-Jul-2008
L6390 STMICROELECTRONICS-L6390 Datasheet
760Kb / 25P
High voltage high/low-side driver
21-Mar-2018
L6390D STMICROELECTRONICS-L6390D Datasheet
473Kb / 22P
High-voltage high and low side driver
17-Jul-2008
L6390D STMICROELECTRONICS-L6390D Datasheet
760Kb / 25P
High voltage high/low-side driver
21-Mar-2018
L6390D013TR STMICROELECTRONICS-L6390D013TR Datasheet
473Kb / 22P
High-voltage high and low side driver
17-Jul-2008
More results

Similar Description - L6399

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Jul-1999
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2005
L6392 STMICROELECTRONICS-L6392 Datasheet
439Kb / 19P
High-voltage high and low side driver
18-Mar-2008
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385 STMICROELECTRONICS-L6385 Datasheet
147Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Nov-2003
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com