Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC908JB16DWE Datasheet (PDF) - Freescale Semiconductor, Inc

MC908JB16DWE Datasheet PDF - Freescale Semiconductor, Inc
Part # MC908JB16DWE
Download  MC908JB16DWE Download
File Size   1892.51 Kbytes
Page   332 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

MC908JB16DWE Datasheet (PDF)

Go To PDF Page Download Datasheet
MC908JB16DWE Datasheet PDF - Freescale Semiconductor, Inc

Part # MC908JB16DWE
Download  MC908JB16DWE Click to download

File Size   1892.51 Kbytes
Page   332 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

MC908JB16DWE Datasheet (HTML) - Freescale Semiconductor, Inc


MC908JB16DWE Product details

Introduction
The MC68HC908JB16 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs). The M68HC08 Family is based on the customer-specified integrated circuit (CSIC) design strategy.

Features
Features of the MC68HC908JB16 MCU include the following:
• High-performance M68HC08 architecture
• Fully upward-compatible object code with M6805, M146805, and M68HC05 families
• Low-power design; fully static with stop and wait modes
• 6-MHz internal bus frequency
• 16,384 bytes of on-chip FLASH memory with security1 feature
• 384 bytes of on-chip random access memory (RAM)
• Up to 21 general-purpose input/output (I/O) pins, including:
    – 15 shared-function I/O pins
    – 8-bit keyboard interrupt port
    – 10mA high current drive for PS/2 connection on 2 pins (with USB module disabled)
    – 1 dedicated I/O pin, with 25mA direct drive for infrared LED (32-pin package)
    – 6 dedicated I/O pins, with 25mA direct drive for infrared LED on 2 pins and 10mA direct drive for normal LED on 4 pins (28-pin package)
• Two 16-bit, 2-channel timer interface modules (TIM1 and TIM2) with selectable input capture, output compare, PWM capability on each channel, and external clock input option (TCLK)
• Universal Serial Bus specification 2.0 low-speed functions:
    – 1.5Mbps data rate
    – On-chip 3.3V regulator
    – Endpoint 0 with 8-byte transmit buffer and 8-byte receive buffer
    – Endpoint 1 with 8-byte transmit buffer
    – Endpoint 2 with 8-byte transmit buffer and 8-byte receive buffer
• Serial communications interface module (SCI)
• Dual clock generator modules (CGM) (32-pin package)
• In-circuit programming capability using USB communication or standard serial link on PTA0 pin
• System protection features:
    – Optional computer operating properly (COP) reset
    – Optional Low-voltage detection with reset
    – Illegal opcode detection with reset
    – Illegal address detection with reset
• Master reset pin with internal pull-up and power-on reset
• IRQ interrupt pin with internal pull-up and schmitt-trigger input
• 32-pin low-profile quad flat pack (LQFP) and 28-pin small outline integrated circuit package (SOIC)




Similar Part No. - MC908JB16DWE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC908JB12DWE FREESCALE-MC908JB12DWE Datasheet
1Mb / 332P
MC68HC908JB16 Technical Data
More results


Similar Description - MC908JB16DWE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com