Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE552R479A Datasheet (PDF) - California Eastern Labs

NE552R479A Datasheet PDF - California Eastern Labs
Part # NE552R479A
Download  NE552R479A Download
File Size   605.16 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 3.0 V OPERATION SILICON RF POWER LDMOS FET FOR 2.45 GHz 0.4 W TRANSMISSION AMPLIFIERS

NE552R479A Datasheet (PDF)

Go To PDF Page Download Datasheet
NE552R479A Datasheet PDF - California Eastern Labs

Part # NE552R479A
Download  NE552R479A Click to download

File Size   605.16 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 3.0 V OPERATION SILICON RF POWER LDMOS FET FOR 2.45 GHz 0.4 W TRANSMISSION AMPLIFIERS

NE552R479A Datasheet (HTML) - California Eastern Labs




Similar Part No. - NE552R479A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE552R479A CEL-NE552R479A Datasheet
495Kb / 9P
NECs 3.0 V, 0.25 W L&S-BAND MEDIUM POWER SILICON LD-MOSFET
08/11/2003
logo
Renesas Technology Corp
NE552R479A RENESAS-NE552R479A Datasheet
291Kb / 11P
SILICON POWER MOS FET
2003
NE552R479A-T1 RENESAS-NE552R479A-T1 Datasheet
291Kb / 11P
SILICON POWER MOS FET
2003
NE552R479A-T1A RENESAS-NE552R479A-T1A Datasheet
291Kb / 11P
SILICON POWER MOS FET
2003
logo
California Eastern Labs
NE552R479A-T1A-A CEL-NE552R479A-T1A-A Datasheet
495Kb / 9P
NECs 3.0 V, 0.25 W L&S-BAND MEDIUM POWER SILICON LD-MOSFET
08/11/2003
More results


Similar Description - NE552R479A

ManufacturerPart #DatasheetDescription
logo
NEC
5510279A NEC-5510279A Datasheet
390Kb / 4P
3.5 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
NE5510179A NEC-NE5510179A Datasheet
39Kb / 4P
3.5V OPERATION SILICON RF POWER MOSFET FOR 1.9 GHZ TRANSMISSION AMPLIFIERS
NE5510279A NEC-NE5510279A Datasheet
39Kb / 5P
3.5V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
NE552R679A NEC-NE552R679A Datasheet
68Kb / 9P
3.0 V OPERATION SILICON RF POWER LD-MOS FET FOR 460 MHz 0.6 W TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5500179A CEL-NE5500179A Datasheet
43Kb / 5P
4.8 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 AND GSM1900 TRANSMISSION AMPLIFIERS
NE5510179A CEL-NE5510179A Datasheet
42Kb / 4P
3.5 V OPERATION SILICON RF POWER MOSFET FOR 1.9 GHZ TRANSMISSION AMPLIFIERS
NE5510279A CEL-NE5510279A Datasheet
42Kb / 5P
3.5 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
NE5531079A CEL-NE5531079A Datasheet
382Kb / 8P
7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
Renesas Technology Corp
NE5531079A RENESAS-NE5531079A Datasheet
240Kb / 11P
7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
STMicroelectronics
RF5L08350CB4 STMICROELECTRONICS-RF5L08350CB4 Datasheet
1Mb / 12P
400 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor
28-Sep-2021
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com