Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5L08350CB4 Datasheet (PDF) - STMicroelectronics

RF5L08350CB4 Datasheet PDF - STMicroelectronics
Part # RF5L08350CB4
Download  RF5L08350CB4 Download
File Size   1184.51 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 400 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor

RF5L08350CB4 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF5L08350CB4 Datasheet PDF - STMicroelectronics

Part # RF5L08350CB4
Download  RF5L08350CB4 Click to download

File Size   1184.51 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 400 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor

RF5L08350CB4 Datasheet (HTML) - STMicroelectronics


RF5L08350CB4 Product details

Features
• High efficiency and linear gain operations
• Integrated ESD protection
• Internally matched for ease of use
• Large positive and negative gate-source voltage range for improved class C
operation
• Excellent thermal stability, low HCI drift
• In compliance with the European Directive 2002/95/EC

Description
The RF5L08350CB4 is a 400 W, 50 V high-performance, internally matched LDMOS
FET, designed for multiple applications over the frequency band 0.4 to 1 GHz.

Applications
• Wideband lab amplifier from 0.4 to 1 GHz
• Digital UHF TV 470-860 MHz
• 650 MHz particle accelerator
• 915 MHz RF energy applications




Similar Part No. - RF5L08350CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF5L08600CB4 STMICROELECTRONICS-RF5L08600CB4 Datasheet
1Mb / 12P
650 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor
20-May-2021
More results


Similar Description - RF5L08350CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF3L05150CB4 STMICROELECTRONICS-RF3L05150CB4 Datasheet
1Mb / 16P
150 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
16-Mar-2021
PD55035STR1-E STMICROELECTRONICS-PD55035STR1-E Datasheet
332Kb / 18P
35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
08-Mar-2022
RF3L05200CB4 STMICROELECTRONICS-RF3L05200CB4 Datasheet
1Mb / 12P
200 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
28-Sep-2021
RF3L05400CB4 STMICROELECTRONICS-RF3L05400CB4 Datasheet
1Mb / 12P
400 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
01-Oct-2021
RF4L10700CB4 STMICROELECTRONICS-RF4L10700CB4 Datasheet
525Kb / 11P
700 W, 40 V, HF to 1 GHz RF power LDMOS transistor
22-Sep-2021
RF4L15400CB4 STMICROELECTRONICS-RF4L15400CB4 Datasheet
1Mb / 13P
400 W, 40 V, 1.2 to 1.5 GHz RF power LDMOS transistor
22-Sep-2021
RF5L08600CB4 STMICROELECTRONICS-RF5L08600CB4 Datasheet
1Mb / 12P
650 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor
20-May-2021
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
RF5L15120CB4 STMICROELECTRONICS-RF5L15120CB4 Datasheet
975Kb / 11P
120 W 50 V RF power LDMOS transistor from HF to 1.5 GHz
SD56060 STMICROELECTRONICS-SD56060 Datasheet
242Kb / 13P
60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com