Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF4L15400CB4 Datasheet (PDF) - STMicroelectronics

RF4L15400CB4 Datasheet PDF - STMicroelectronics
Part # RF4L15400CB4
Download  RF4L15400CB4 Download
File Size   1666.76 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 400 W, 40 V, 1.2 to 1.5 GHz RF power LDMOS transistor

RF4L15400CB4 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF4L15400CB4 Datasheet PDF - STMicroelectronics

Part # RF4L15400CB4
Download  RF4L15400CB4 Click to download

File Size   1666.76 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 400 W, 40 V, 1.2 to 1.5 GHz RF power LDMOS transistor

RF4L15400CB4 Datasheet (HTML) - STMicroelectronics


RF4L15400CB4 Product details

Features
• High efficiency and linear gain operations
• Integrated ESD protection
• Internally matched pair transistors in push-pull configuration
• Large positive and negative gate-source voltage range for improved class C
operation
• Excellent thermal stability, low HCI drift
• In compliance with the European directive 2002/95/EC

Description
The RF4L15400CB4 is a 400 W, 50 V high performance, internally matched LDMOS
FET, designed for multiple applications in the frequency range from 1.2 to 1.5 GHz. It
is qualified up to 40 V operation.

Applications
• 1.3 and 1.5 GHz particle accelerator
• L-band radar




Similar Part No. - RF4L15400CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF4L10700CB4 STMICROELECTRONICS-RF4L10700CB4 Datasheet
525Kb / 11P
700 W, 40 V, HF to 1 GHz RF power LDMOS transistor
22-Sep-2021
More results


Similar Description - RF4L15400CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF2L36040CF2 STMICROELECTRONICS-RF2L36040CF2 Datasheet
503Kb / 13P
40 W, 28 V, 2.7 to 3.6 GHz RF power LDMOS transistor
22-Apr-2021
RF3L05400CB4 STMICROELECTRONICS-RF3L05400CB4 Datasheet
1Mb / 12P
400 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
01-Oct-2021
RF4L10700CB4 STMICROELECTRONICS-RF4L10700CB4 Datasheet
525Kb / 11P
700 W, 40 V, HF to 1 GHz RF power LDMOS transistor
22-Sep-2021
RF5L08350CB4 STMICROELECTRONICS-RF5L08350CB4 Datasheet
1Mb / 12P
400 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor
28-Sep-2021
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
RF5L15120CB4 STMICROELECTRONICS-RF5L15120CB4 Datasheet
975Kb / 11P
120 W 50 V RF power LDMOS transistor from HF to 1.5 GHz
ST50V10200 STMICROELECTRONICS-ST50V10200 Datasheet
326Kb / 8P
RF power LDMOS transistor for frequencies up to 1.5 GHz
22-Mar-2019
ST9045C STMICROELECTRONICS-ST9045C Datasheet
320Kb / 13P
RF Power LDMOS transistor HF up to 1.5 GHz
16-Mar-2018
ST9060C STMICROELECTRONICS-ST9060C Datasheet
301Kb / 12P
RF Power LDMOS transistor HF up to 1.5 GHz
30-Mar-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com