Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF4L10700CB4 Datasheet (PDF) - STMicroelectronics

RF4L10700CB4 Datasheet PDF - STMicroelectronics
Part # RF4L10700CB4
Download  RF4L10700CB4 Download
File Size   525.44 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 700 W, 40 V, HF to 1 GHz RF power LDMOS transistor

RF4L10700CB4 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF4L10700CB4 Datasheet PDF - STMicroelectronics

Part # RF4L10700CB4
Download  RF4L10700CB4 Click to download

File Size   525.44 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 700 W, 40 V, HF to 1 GHz RF power LDMOS transistor

RF4L10700CB4 Datasheet (HTML) - STMicroelectronics


RF4L10700CB4 Product details

Features
• High efficiency and linear gain operations
• Integrated ESD protection
• Internally matched pair transistors in push-pull configuration
• Large positive and negative gate-source voltage range for improved class C
operation
• Optimized for Doherty applications
• Excellent thermal stability, low HCI drift
• In compliance with the European directive 2002/95/EC

Description
The RF4L10700CB4 is a 700 W, 40 V, high performance, internally matched LDMOS
FET, designed for multiple ISM and RF energy applications up to 1 GHz frequency
range. It can be used in class AB, B or C for both CW and pulse applications in
narrow-band operation. It is qualified up to 40 V operation.

Applications
• ISM
• RF energy




Similar Part No. - RF4L10700CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF4L15400CB4 STMICROELECTRONICS-RF4L15400CB4 Datasheet
1Mb / 13P
400 W, 40 V, 1.2 to 1.5 GHz RF power LDMOS transistor
22-Sep-2021
More results


Similar Description - RF4L10700CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF3L05150CB4 STMICROELECTRONICS-RF3L05150CB4 Datasheet
1Mb / 16P
150 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
16-Mar-2021
PD55035STR1-E STMICROELECTRONICS-PD55035STR1-E Datasheet
332Kb / 18P
35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
08-Mar-2022
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF3L05200CB4 STMICROELECTRONICS-RF3L05200CB4 Datasheet
1Mb / 12P
200 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
28-Sep-2021
RF3L05250CB4 STMICROELECTRONICS-RF3L05250CB4 Datasheet
490Kb / 12P
250 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
29-Sep-2021
RF3L05400CB4 STMICROELECTRONICS-RF3L05400CB4 Datasheet
1Mb / 12P
400 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
01-Oct-2021
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
SD56060 STMICROELECTRONICS-SD56060 Datasheet
242Kb / 13P
60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
ST05250 STMICROELECTRONICS-ST05250 Datasheet
599Kb / 17P
250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor
ST16010 STMICROELECTRONICS-ST16010 Datasheet
1Mb / 12P
10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
13-May-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com