Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST05250 Datasheet (PDF) - STMicroelectronics

ST05250 Datasheet PDF - STMicroelectronics
Part # ST05250
Download  ST05250 Download
File Size   599.64 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor

ST05250 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST05250 Datasheet PDF - STMicroelectronics

Part # ST05250
Download  ST05250 Click to download

File Size   599.64 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor

ST05250 Datasheet (HTML) - STMicroelectronics


ST05250 Product details

Features
• High efficiency and linear gain operations
• Integrated ESD protection
• Large positive and negative gate-source voltage range for improved class C
operation
• In compliance with the european directive 2002/95/EC

Description
The ST05250 is a 250 W, 28/32 V LDMOS FETs, designed for wideband
communication and ISM applications in the frequency range from HF to 1 GHz. It
can be used in class AB, B or C for all typical modulation formats.

Applications
• 2 – 30 MHz HF or short wave communication
• 30 – 88 MHz ground communication
• 118 – 140 MHz avionics
• 136 – 174 MHz commercial ground communication
• 30 – 512 MHz jammer, ground/air communication
• HF – 1 GHz ISM - instrumentation




Similar Part No. - ST05250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST050-464 ETC-ST050-464 Datasheet
24Kb / 1P
Star Teck (ST) Series fittings for Teck and ACWU Cable
logo
Honeywell Solid State E...
ST050BG1SPGF HONEYWELL-ST050BG1SPGF Datasheet
220Kb / 4P
Amplified output whicheliminates the cost of external amplifiers
ST050PG1SPGF HONEYWELL-ST050PG1SPGF Datasheet
220Kb / 4P
Amplified output whicheliminates the cost of external amplifiers
ST050PG1SPGF HONEYWELL-ST050PG1SPGF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
ST050PG1SPGF HONEYWELL-ST050PG1SPGF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
More results


Similar Description - ST05250

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF3L05150CB4 STMICROELECTRONICS-RF3L05150CB4 Datasheet
1Mb / 16P
150 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
16-Mar-2021
PD55035STR1-E STMICROELECTRONICS-PD55035STR1-E Datasheet
332Kb / 18P
35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
08-Mar-2022
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF3L05200CB4 STMICROELECTRONICS-RF3L05200CB4 Datasheet
1Mb / 12P
200 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
28-Sep-2021
RF3L05250CB4 STMICROELECTRONICS-RF3L05250CB4 Datasheet
490Kb / 12P
250 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
29-Sep-2021
RF3L05400CB4 STMICROELECTRONICS-RF3L05400CB4 Datasheet
1Mb / 12P
400 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
01-Oct-2021
RF4L10700CB4 STMICROELECTRONICS-RF4L10700CB4 Datasheet
525Kb / 11P
700 W, 40 V, HF to 1 GHz RF power LDMOS transistor
22-Sep-2021
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
SD56060 STMICROELECTRONICS-SD56060 Datasheet
242Kb / 13P
60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
ST16010 STMICROELECTRONICS-ST16010 Datasheet
1Mb / 12P
10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
13-May-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com