Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5L15030CB2 Datasheet (PDF) - STMicroelectronics

RF5L15030CB2 Datasheet PDF - STMicroelectronics
Part # RF5L15030CB2
Download  RF5L15030CB2 Download
File Size   926.38 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor

RF5L15030CB2 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF5L15030CB2 Datasheet PDF - STMicroelectronics

Part # RF5L15030CB2
Download  RF5L15030CB2 Click to download

File Size   926.38 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor

RF5L15030CB2 Datasheet (HTML) - STMicroelectronics


RF5L15030CB2 Product details

Features
• High efficiency and linear gain operations
• Integrated ESD protection
• Large positive and negative gate-source voltage range for improved class C
operation
• In compliance with the European directive 2002/95/EC

Description
The RF5L15030CB2 is a 30 W, 50 V, LDMOS FET designed for applications in the
frequency range from HF to 1.5 GHz. It can be used in class AB, B or C for all typical
modulation formats.

Applications
• Industrial, scientific and medical from HF to 1.5 GHz
• FM and TV broadcast
• HV/VHF ground communications
• Avionics and L-band radar
• Wideband communications




Similar Part No. - RF5L15030CB2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF5L15120CB4 STMICROELECTRONICS-RF5L15120CB4 Datasheet
975Kb / 11P
120 W 50 V RF power LDMOS transistor from HF to 1.5 GHz
More results


Similar Description - RF5L15030CB2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55035STR1-E STMICROELECTRONICS-PD55035STR1-E Datasheet
332Kb / 18P
35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
08-Mar-2022
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF4L10700CB4 STMICROELECTRONICS-RF4L10700CB4 Datasheet
525Kb / 11P
700 W, 40 V, HF to 1 GHz RF power LDMOS transistor
22-Sep-2021
RF5L052K0CB4 STMICROELECTRONICS-RF5L052K0CB4 Datasheet
1Mb / 12P
2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
15-Oct-2021
RF5L05950CF2 STMICROELECTRONICS-RF5L05950CF2 Datasheet
726Kb / 12P
950 W, 50 V, HF to 500 MHz RF power LDMOS transistor
23-Dec-2021
RF5L15120CB4 STMICROELECTRONICS-RF5L15120CB4 Datasheet
975Kb / 11P
120 W 50 V RF power LDMOS transistor from HF to 1.5 GHz
SD56060 STMICROELECTRONICS-SD56060 Datasheet
242Kb / 13P
60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
ST16010 STMICROELECTRONICS-ST16010 Datasheet
1Mb / 12P
10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
13-May-2021
ST9045C STMICROELECTRONICS-ST9045C Datasheet
320Kb / 13P
RF Power LDMOS transistor HF up to 1.5 GHz
16-Mar-2018
ST9060C STMICROELECTRONICS-ST9060C Datasheet
301Kb / 12P
RF Power LDMOS transistor HF up to 1.5 GHz
30-Mar-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com