Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5L15030CB2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # RF5L15030CB2
Description  30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L15030CB2 Datasheet(HTML) 3 Page - STMicroelectronics

  RF5L15030CB2 Datasheet HTML 1Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 2Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 3Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 4Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 5Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 6Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 7Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 8Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2
Electrical characteristics
Table 4. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, IDS = 100 µA
110
V
IDSS
Zero gate voltage drain leakage
current
VGS = 0 V, VDS = 50 V
1
μA
VGS = 0 V, VDS = 90 V
IGSS
Gate-source leakage current
VGS = -8/10 V, VDS = 0 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = 50 V, IDS = 600 µA
1
3
V
VGS(Q)
Gate quiescent voltage
VDS = 1 V, IDS = 100 mA
2
5
V
VDS(on)
Static drain-source on-voltage
VGS = 10 V, IDS = 1 A
1.1
V
IDS(on)
Static drain-source on-current
VGS = 10 V, VDS = 0.1 V
2.5
A
RDS(on)
Drain-source on-state resistance
VGS = 10 V, VDS = 0.1 V
1
Ω
Ciss
Common source input
capacitance
VGS = 0 V, VDD= 50 V, f = 1 MHz
28
pF
Crss
Common source feedback
capacitance
0.4
pF
Coss
Common source output
capacitance
12
pF
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
POUT
Output power
f = 1 GHz
-
30
W
GPS
Power gain
-
23.5
dB
ηD
Drain efficiency
-
50
%
VSWR
Load mismatch
POUT = 30 W, all phases
-
10:1
Note:
VDD = 50 V, IDQ = 0.1 A, pulsed CW, pulse width = 100 μs, duty cycle = 10%.
RF5L15030CB2
Electrical characteristics
DS13641 - Rev 2
page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com