Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK1280 Datasheet (PDF) - Fuji Electric

2SK1280 Datasheet PDF - Fuji Electric
Part # 2SK1280
Download  2SK1280 Download
File Size   200.52 Kbytes
Page   2 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description N-Channel MOS-FET(500V, 0.5Ohm, 18A, 150W)

2SK1280 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1280 Datasheet PDF - Fuji Electric

Part # 2SK1280
Download  2SK1280 Click to download

File Size   200.52 Kbytes
Page   2 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description N-Channel MOS-FET(500V, 0.5Ohm, 18A, 150W)

2SK1280 Datasheet (HTML) - Fuji Electric


2SK1280 Product details

- Include Fast Recovery Diode

- High Voltage

- Low Driving Power



 



N-channel MOS-FET

500V  0,5 Ohm  18A  150W




Similar Part No. - 2SK1280

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK1280 ISC-2SK1280 Datasheet
68Kb / 2P
Fast Switching Speed
More results


Similar Description - 2SK1280

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK1277 FUJI-2SK1277 Datasheet
206Kb / 2P
N-Channel MOS-FET(250V, 0.12Ohm, 30A, 150W)
FAP-450 FUJI-FAP-450 Datasheet
224Kb / 3P
N-channel MOS-FET(500V, 0,38廓, 14A, 190W)
logo
Sanken electric
FKP202 SANKEN-FKP202 Datasheet
306Kb / 9P
N-Channel MOS FET
SKP202 SANKEN-SKP202 Datasheet
294Kb / 9P
N-Channel MOS FET
logo
Unisonic Technologies
18N50 UTC-18N50_12 Datasheet
209Kb / 6P
18A, 500V N-CHANNEL POWER MOSFET
logo
HY ELECTRONIC CORP.
HY18N50W HY-HY18N50W Datasheet
299Kb / 4P
500V / 18A N-Channel Enhancement Mode MOSFET
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
DONGGUAN YOU FENG WEI E...
18N50A YFWDIODE-18N50A Datasheet
817Kb / 6P
18A 500V N-channel enhanced field effect transistor
logo
First Silicon Co., Ltd
FTK640D FS-FTK640D Datasheet
433Kb / 7P
18A, 200V, 0.155廓 , N-CHANNEL POWER MOS FET
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com