Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC12311NIP0F Datasheet (PDF) - Sharp Corporation

PC12311NIP0F Datasheet PDF - Sharp Corporation
Part # PC12311NIP0F
Download  PC12311NIP0F Download
File Size   491.42 Kbytes
Page   16 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler

PC12311NIP0F Datasheet (PDF)

Go To PDF Page Download Datasheet
PC12311NIP0F Datasheet PDF - Sharp Corporation

Part # PC12311NIP0F
Download  PC12311NIP0F Click to download

File Size   491.42 Kbytes
Page   16 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler

PC12311NIP0F Datasheet (HTML) - Sharp Corporation


PC12311NIP0F Product details

■ Description
PC1231xNSZ0F Series contains an IRED optically coupled to a phototransistor.
It is packaged in a 4-pin DIP, available in wide-lead spacing option and SMT gullwing lead-form option.
Input-output isolation voltage(rms) is 5.0kV.
CTR is 50% to 400% at input current of 0.5mA.

■ Features
1. 4pin DIP package
2. Double transfer mold package (Ideal for Flow Soldering)
3. Low input current type (IF=0.5mA)
4. High resistance to noise due to high common rejection voltage (CMR : MIN. 10kV/s)
5. Reinforced insulation type (Isolation distance : MIN. 0.4mm)
6. Long creepage distance type (wide lead-form type only : MIN. 8mm)
7. High isolation voltage between input and output (Viso(rms) : 5.0kV)
8. RoHS directive compliant

■ Applications
1. Primary to secondary isolation in switch mode power supply
2. Noise suppression in switching circuit
3. Signal transmission between circuits of different potentials and impedances
4. Over voltage detection




Similar Part No. - PC12311NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC12311YFZ0X SHARP-PC12311YFZ0X Datasheet
585Kb / 17P
PC1231xxFZ0X Series Photocoupler
More results


Similar Description - PC12311NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123XNNSZ0F SHARP-PC123XNNSZ0F Datasheet
287Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC81710NSZ0F SHARP-PC81710NSZ0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC81713NSZ0F SHARP-PC81713NSZ0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com