Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTEM322TA Datasheet (PDF) - Diodes Incorporated

ZXTEM322TA Datasheet PDF - Diodes Incorporated
Part # ZXTEM322TA
Download  ZXTEM322TA Download
File Size   411.69 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 80V NPN LOW SATURATION TRANSISTOR

ZXTEM322TA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTEM322TA Datasheet PDF - Diodes Incorporated

Part # ZXTEM322TA
Download  ZXTEM322TA Click to download

File Size   411.69 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 80V NPN LOW SATURATION TRANSISTOR

ZXTEM322TA Datasheet (HTML) - Diodes Incorporated


ZXTEM322TA Product details

DESCRIPTION
Packaged in the new innovative 2mm x 2mm MLP (Micro Leaded Package) outline, these new 4th generation low saturation dual PNP transistors offer extremely low on state losses making them ideal for use in DC-DC circuits and various driving and power management functions.

Additionally users gain several other key benefits:
   Performance capability equivalent to much larger packages
   Improved circuit efficiency & power levels
   PCB area and device placement savings
   Lower Package Height (0.9mm nom)
   Reduced component count

FEATURES
• Low Equivalent On Resistance
• Extremely Low Saturation Voltage (185mV max @1A)
• hFE specified up to 5A
• IC=-3.5A Continuous Collector Current
• 2mm x 2mm MLP

APPLICATIONS
• DC - DC Converters
• DC - DC Modules
• Power switches
• Motor control




Similar Part No. - ZXTEM322TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTEM322TA ZETEX-ZXTEM322TA Datasheet
166Kb / 6P
MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTEM322TA ZETEX-ZXTEM322TA Datasheet
209Kb / 6P
MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
More results


Similar Description - ZXTEM322TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT620 ZETEX-FMMT620 Datasheet
294Kb / 6P
SuperSOT 80V NPN SILICON LOW SATURATION TRANSISTOR
ZXTDE4M832 ZETEX-ZXTDE4M832 Datasheet
321Kb / 8P
DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
FMMT620 ZETEX-FMMT620_06 Datasheet
240Kb / 6P
SuperSOT??80V NPN SILICON LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
FMMT620 DIODES-FMMT620 Datasheet
208Kb / 7P
80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
DS32123 Rev. 2 - 2
ZXTC6720MC DIODES-ZXTC6720MC Datasheet
211Kb / 9P
DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
Rev 2
ZXTN620MA DIODES-ZXTN620MA Datasheet
162Kb / 7P
80V NPN LOW SATURATION TRANSISTOR
Rev 3
ZXTDE4M832 DIODES-ZXTDE4M832 Datasheet
519Kb / 8P
DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
JUNE 2002
FMMT620 DIODES-FMMT620_15 Datasheet
224Kb / 7P
80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 3
ZXTC6720MC DIODES-ZXTC6720MC_15 Datasheet
235Kb / 9P
DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
Rev 3
ZXTN620MA DIODES-ZXTN620MA_15 Datasheet
164Kb / 7P
80V NPN LOW SATURATION TRANSISTOR
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com