Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTAM322TA Datasheet (PDF) - Diodes Incorporated

ZXTAM322TA Datasheet PDF - Diodes Incorporated
Part # ZXTAM322TA
Download  ZXTAM322TA Download
File Size   391.92 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 15V NPN LOW SATURATION TRANSISTOR

ZXTAM322TA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTAM322TA Datasheet PDF - Diodes Incorporated

Part # ZXTAM322TA
Download  ZXTAM322TA Click to download

File Size   391.92 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 15V NPN LOW SATURATION TRANSISTOR

ZXTAM322TA Datasheet (HTML) - Diodes Incorporated


ZXTAM322TA Product details

DESCRIPTION
Packaged in the innovative 2mm x 2mm MLP (Micro Leaded Package) outline, this new 4th generation low saturation transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.

Additionally users will also gain several other key benefits:
   Performance capability equivalent to much larger packages
   Improved circuit efficiency & power levels
   Lower package height (nom. 0.9mm)
   PCB area and device placement savings
   Reduced component count

FEATURES
• Low Equivalent On Resistance
• Extremely Low Saturation Voltage (100mVmax @1A)
• hFE specified up to 12A
• IC= 4.5A Continuous Collector Current
• 2mm x 2mm MLP

APPLICATIONS
• DC - DC Converters (FET Drivers)
• Charging Circuits
• Power switches
• Motor control




Similar Part No. - ZXTAM322TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTAM322TA ZETEX-ZXTAM322TA Datasheet
180Kb / 6P
MPPS Miniature Package Power Solutions 15V NPN LOW SATURATION TRANSISTOR
More results


Similar Description - ZXTAM322TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10N15DE6 ZETEX-ZXT10N15DE6 Datasheet
229Kb / 6P
15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT11N15DF ZETEX-ZXT11N15DF Datasheet
412Kb / 6P
15V NPN SILICON LOW SATURATION TRANSISTOR
ZXT13N15DE6 ZETEX-ZXT13N15DE6 Datasheet
429Kb / 6P
15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10N15DE6 DIODES-ZXT10N15DE6 Datasheet
242Kb / 6P
15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
SEPTEMBER 2000
ZXT11N15DF DIODES-ZXT11N15DF Datasheet
422Kb / 6P
15V NPN SILICON LOW SATURATION TRANSISTOR
DECEMBER 1999
ZXT13N15DE6 DIODES-ZXT13N15DE6 Datasheet
440Kb / 6P
15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
DECEMBER 1999
ZXTN617MA DIODES-ZXTN617MA Datasheet
164Kb / 7P
15V NPN LOW SATURATION TRANSISTOR
Rev 4
FMMT617TC DIODES-FMMT617TC Datasheet
951Kb / 7P
15V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 4
ZXTDAM832 DIODES-ZXTDAM832 Datasheet
439Kb / 6P
DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXTN617MA DIODES-ZXTN617MA_15 Datasheet
166Kb / 7P
15V NPN LOW SATURATION TRANSISTOR
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com