Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-790A Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-790A Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-790A
Download  ACPL-790A Download
File Size   198.19 Kbytes
Page   15 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Precision Isolation Amplifiers

ACPL-790A Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-790A Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-790A
Download  ACPL-790A Click to download

File Size   198.19 Kbytes
Page   15 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Precision Isolation Amplifiers

ACPL-790A Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-790A Product details

Description
The ACPL-790B/790A/7900 isolation amplifers were designed for current and voltage sensing in electronic power converters in applications including motor drives and renewable energy systems. In a typical motor drive implementation, current flows through an external resistor and the resulting analog voltage drop is sensed by the isolation amplifer. A differential output voltage that is proportional to the current is created on the other side of
the optical isolation barrier

Features
±0.5% High Gain Accuracy (ACPL-790B)
-50 ppm/°C Low Gain Drift
0.6 mV Input Offset Voltage
0.05% Excellent Linearity
60 dB SNR
200 kHz Wide Bandwidth
3 V to 5.5 V Wide Supply Range for Output Side
-40° C to +105° C Operating Temperature Range
Advanced Sigma-Delta () A/D Converter Technology
Fully Differential Isolation Amplifer
15 kV/s Common-Mode Transient Immunity
Compact, Auto-Insertable DIP-8 Package
Safety and Regulatory Approvals (pending):
        – IEC/EN/DIN EN 60747-5-5: 891 Vpeak working insulation voltage
        – UL 1577: 5000 Vrms/1 min double protection rating
        – CSA: Component Acceptance Notice #5

Applications
Current/Voltage Sensing in AC and Servo Motor Drives
Solar Inverters, Wind Turbine Inverters
Industrial Process Control
Data Acquisition Systems
Switching Power Supply Signal Isolation
General Purpose Analog Signal Isolation
Traditional Current Transducer Replacements




Similar Part No. - ACPL-790A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A AVAGO-ACPL-790A Datasheet
187Kb / 14P
Precision Isolation Amplifiers
ACPL-790A-300E AVAGO-ACPL-790A-300E Datasheet
198Kb / 15P
Compact, Auto-Insertable DIP-8 Package
More results


Similar Description - ACPL-790A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790B-300E AVAGO-ACPL-790B-300E Datasheet
187Kb / 14P
Precision Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
ACPL-7900-000E AVAGO-ACPL-7900-000E Datasheet
187Kb / 14P
Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
Precision Isolation Amplifiers
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
Precision Miniature Isolation Amplifiers
logo
PHOENIX CONTACT
2864105 PHOENIX-2864105 Datasheet
441Kb / 10P
NAMUR isolation amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com