Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-790A Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-790A
Description  Precision Isolation Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-790A Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-790A Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-790A Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-790A Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-790A Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-790A Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-790A Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-790A Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-790A Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-790A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Table 1. Pin Description
Pin No.
Symbol
Description
1VDD1
Supply voltage for input side (4.5 V to 5.5 V), relative to GND1
2VIN+
Positive input (± 200 mV recommended)
3VIN–
Negative input (normally connected to GND1)
4
GND1
Input side ground
5
GND2
Output side ground
6VOUT–
Negative output
7VOUT+
Positive output
8VDD2
Supply voltage for output side (3 V to 5.5 V), relative to GND2
Table 2. Ordering Information
ACPL-790B/790A/7900 is UL recognized with 5000 Vrms/1 minute rating per UL 1577 (pending).
Part number
Option
(RoHS Compliant)
Package
Surface
Mount
Gull
Wing
Tape &
Reel
IEC/EN/DIN EN
60747-5-5
Quantity
ACPL-790B
ACPL-790A
ACPL-7900
-000E
300 mil
DIP-8
X
50 per tube
-300E
X
X
X
50 per tube
-500E
X
X
X
X
1000 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example:
ACPL-790B-500E to order product of Gull Wing Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN
60747-5-5 Safety Approval and RoHS compliance.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com