Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMC20 Datasheet (PDF) - Diodes Incorporated

ZMC20 Datasheet PDF - Diodes Incorporated
Part # ZMC20
Download  ZMC20 Download
File Size   238.22 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Current Sensor

ZMC20 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZMC20 Datasheet PDF - Diodes Incorporated

Part # ZMC20
Download  ZMC20 Click to download

File Size   238.22 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Current Sensor

ZMC20 Datasheet (HTML) - Diodes Incorporated


ZMC20 Product details

FEATURES
• Package : mod. DIL-14
• A magnetic sensor chip (employing the magnetoresistive effect of thin film permalloy) measures the magnetic field generated by an internal current-carrying conductor
• measurable direct or alternating current IM up to 20A
• supply voltage 12 V
• no auxiliary field HX required
• it’s possible to overload the conductor (between pin’s 8,9,10 and 11,12,13) with 300A for 10 ms at Tamb = 20 °C




Similar Part No. - ZMC20

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMC20 ZETEX-ZMC20 Datasheet
18Kb / 2P
Current Sensor
logo
Diotec Semiconductor
ZMC20 DIOTEC-ZMC20 Datasheet
50Kb / 2P
Surface mount Zener Diodes
logo
Zetex Semiconductors
ZMC20 ZETEX-ZMC20 Datasheet
230Kb / 2P
Current Sensor
logo
Diotec Semiconductor
ZMC20 DIOTEC-ZMC20 Datasheet
93Kb / 2P
Surface mount Silicon Planar Zener Diodes
ZMC20 DIOTEC-ZMC20 Datasheet
91Kb / 2P
Surface mount Silicon Planar Zener Diodes
More results


Similar Description - ZMC20

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
Current Sensor
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
Current Sensor
logo
MPS Industries, Inc.
P4100E5 MPSIND-P4100E5 Datasheet
180Kb / 1P
CURRENT SENSOR
logo
CUI INC
CSXX05B CUI-CSXX05B Datasheet
340Kb / 4P
CURRENT SENSOR
CSXX05U CUI-CSXX05U_V01 Datasheet
331Kb / 4P
CURRENT SENSOR
02/19/2020
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
CURRENT SENSOR
02/19/2020
logo
Littelfuse
SE-CS40 LITTELFUSE-SE-CS40 Datasheet
164Kb / 2P
Current Sensor
2015 Rev: 1-A-111215
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com