Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTL Datasheet (PDF) - NIC-Components Corp.

NTL Datasheet PDF - NIC-Components Corp.
Part # NTL
Download  NTL Download
File Size   170.55 Kbytes
Page   4 Pages
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.
Description Thin Film Chip Inductors

NTL Datasheet (PDF)

Go To PDF Page Download Datasheet
NTL Datasheet PDF - NIC-Components Corp.

Part # NTL
Download  NTL Click to download

File Size   170.55 Kbytes
Page   4 Pages
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.
Description Thin Film Chip Inductors

NTL Datasheet (HTML) - NIC-Components Corp.


NTL Product details

Thin Film Chip Inductors



FEATURES

• ULTRA-SMALL LOW PROFILE 0201, 0402 & 0603SIZES

• HIGH Q (15 ~ 40) @ 300MHz ~ 1.5GHz

• S-PARAMETER CHARACTERISTICS AVAILABLE

• HIGH CURRENT & HIGH SRF

• COMPATIBLE WITH Pb-FREE SOLDERING

• RoHS COMPLIANT




Similar Part No. - NTL

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
NTL-400S140MP INVENTRONICS-NTL-400S140MP Datasheet
727Kb / 13P
400W Non-Isolated IP20 Driver
Rev.B
NTL-400SXXXMP INVENTRONICS-NTL-400SXXXMP Datasheet
727Kb / 13P
400W Non-Isolated IP20 Driver
Rev.B
NTL-600S220MX INVENTRONICS-NTL-600S220MX Datasheet
691Kb / 13P
600W Non-Isolated Driver
Rev.B
NTL-600SXXXMX INVENTRONICS-NTL-600SXXXMX Datasheet
691Kb / 13P
600W Non-Isolated Driver
Rev.B
logo
List of Unclassifed Man...
NTL1 ETC-NTL1 Datasheet
194Kb / 1P
Compact XLR 3 to 5 pole adapters for lighting (DMX) applications
More results


Similar Description - NTL

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
Thin Film Chip Inductors
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
Thin Film Chip Inductors
KL731HT KOA-KL731HT Datasheet
130Kb / 9P
Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
Thin Film Chip Inductors
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
Thin Film Chip Inductors
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
Thin Film Chip Inductors
10-Aug-06
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
Thin Film Chip Inductors
10-Aug-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com