Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FK345 Datasheet (PDF) - Fox Electronics

FK345 Datasheet PDF - Fox Electronics
Part # FK345
Download  FK345 Download
File Size   431.98 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 2.5V 32.768kHz SMD Oscillator

FK345 Datasheet (PDF)

Go To PDF Page Download Datasheet
FK345 Datasheet PDF - Fox Electronics

Part # FK345
Download  FK345 Click to download

File Size   431.98 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 2.5V 32.768kHz SMD Oscillator

FK345 Datasheet (HTML) - Fox Electronics




Similar Part No. - FK345

ManufacturerPart #DatasheetDescription
logo
API Delevan
FK30M API-FK30M Datasheet
90Kb / 1P
Long stem heavy duty T-handle penetration probe
logo
Powerex Power Semicondu...
FK30SM-5 POWEREX-FK30SM-5 Datasheet
59Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FK30SM-5 ISC-FK30SM-5 Datasheet
362Kb / 2P
isc N-Channel MOSFET Transistor
logo
Mitsubishi Electric Sem...
FK30SM-6 MITSUBISHI-FK30SM-6 Datasheet
53Kb / 5P
HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FK30SM-6 POWEREX-FK30SM-6 Datasheet
59Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Similar Description - FK345

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F547 FOX-F547 Datasheet
220Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
F340 FOX-F340 Datasheet
85Kb / 2P
HCMOS 3.2x2.5mm 2.5V SMD Oscillator
F254 FOX-F254 Datasheet
198Kb / 2P
HCMOS 32.768kHz 4x2.5mm SMD Oscillator
F32K FOX-F32K Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
FK335 FOX-FK335 Datasheet
80Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
F240TS FOX-F240TS Datasheet
500Kb / 2P
HCMOS 2.5x2.0mm 2.5V SMD Oscillator
FK235 FOX-FK235 Datasheet
439Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
FK245 FOX-FK245 Datasheet
439Kb / 1P
HCMOS 2.5V 32.768kHz SMD Oscillator
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
FOX465 FOX-FOX465 Datasheet
390Kb / 2P
HCMOS 32.768kHz SMD Crystal Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com