Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F254 Datasheet (PDF) - Fox Electronics

F254 Datasheet PDF - Fox Electronics
Part # F254
Download  F254 Download
File Size   198.72 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 32.768kHz 4x2.5mm SMD Oscillator

F254 Datasheet (PDF)

Go To PDF Page Download Datasheet
F254 Datasheet PDF - Fox Electronics

Part # F254
Download  F254 Click to download

File Size   198.72 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 32.768kHz 4x2.5mm SMD Oscillator

F254 Datasheet (HTML) - Fox Electronics




Similar Part No. - F254

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
F2545-MPT-R COMPUTAR-F2545-MPT-R Datasheet
12Mb / 1P
Anti Vibration & Shock Resistance Lens Lineup
01/24
logo
Proto Advantage SMD Ada...
F254T254P04 PROTOADVANTAGE-F254T254P04 Datasheet
96Kb / 2P
Pitch Changer 1.00mm to 1.00mm conversion - 4 Pin
revision 1.0
F254T254P04 PROTOADVANTAGE-F254T254P04 Datasheet
96Kb / 2P
Pitch Changer 1.00mm to 1.00mm conversion - 5 Pin
revision 1.0
F254T254P04 PROTOADVANTAGE-F254T254P04 Datasheet
96Kb / 2P
Pitch Changer 1.00mm to 1.00mm conversion - 6 Pin
revision 1.0
F254T254P04 PROTOADVANTAGE-F254T254P04 Datasheet
96Kb / 2P
Pitch Changer 1.00mm to 1.00mm conversion - 8 Pin
revision 1.0
More results


Similar Description - F254

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F32K FOX-F32K Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
FK335 FOX-FK335 Datasheet
80Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
FK235 FOX-FK235 Datasheet
439Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
FK245 FOX-FK245 Datasheet
439Kb / 1P
HCMOS 2.5V 32.768kHz SMD Oscillator
FK345 FOX-FK345 Datasheet
431Kb / 1P
HCMOS 2.5V 32.768kHz SMD Oscillator
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
FOX465 FOX-FOX465 Datasheet
390Kb / 2P
HCMOS 32.768kHz SMD Crystal Oscillator
logo
Advanced Crystal Techno...
9300WC ACT-9300WC Datasheet
196Kb / 2P
Clock oscillator 32.768kHz, 5.0 x 3.2mm, HCMOS
1/2/2017
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
logo
Fox Electronics
O3HK FOX-O3HK Datasheet
263Kb / 5P
HCMOS 32.768kHz 3.2x2.5mm Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com