Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F254 Datasheet(PDF) 1 Page - Fox Electronics

Part # F254
Description  HCMOS 32.768kHz 4x2.5mm SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F254 Datasheet(HTML) 1 Page - Fox Electronics

  F254 Datasheet HTML 1Page - Fox Electronics F254 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FEATURES
• Tight Stability
• HCMOS Output
• Operable 1.3V ~ 5.5V
• Tape and Reel (1,000 pcs. STD)
OUTPUT (Pin 3)
ACTIVE1
High Z
• EnAblE / DiSAblE FUncTiOn
(Pin 1)
'1' Level Vih
≥ 90% Vdd
'0' Level Vil
≤ 10% Vdd
Frequency
Stability
-120 ~ +10 PPM
Operating
Temperature (ºC)
-40 ~ +85
Frequency
(kHz)
32.768
F254
Model
Number
Part Number
784-Frequency-xxxxx
• PART nUMbER SElEcTiOn Learn More - Internet Required
1 If Enable/Disable function is not used, please pull Pin 1 to a high potential.
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
vary. All specifications subject to change without notice.
32.768 kHz
-40ºC ~ +85ºC
-55ºC ~ +125ºC
+5±20 PPM
-120 ~ +10 PPM
3.3V ± 10%
(+1.3V ~ +5.5V operable)
1.5 µA
40/60%
200nS
200nS
250nA
0.4V
Vdd -0.4V Min
15pF
1S
260ºC x 10 Seconds
1
Au
PARAMETERS
Frequency Range
(Fo)
Temperature Range
Operating (Topr)
Storage (Tstg)
Frequency Tolerance
(Vdd = 3.3V @ 25ºC)
Frequency Stability
Over Temperature Range
(-20ºC ~ +70ºC: ref @ 25ºC)
Supply Voltage
(Vdd)
Input Current
(Idd)
Symmetry
(50% Vdd)
Rise Time
(Tr)
Fall Time
(Tf)
Standby Current
(Ist)
Output Voltage
(Vol)
(Voh)
Output Load
(HCMOS)
Start-up Time
(Ts)
(Vdd = 1.3V ~ 5.5V, -40ºC ~ +85ºC)
Reflow Soldering Temp
Moisture Sensitivity Level (MSL)
Termination Finish
• ElEcTRicAl cHARAcTERiSTicS
MAX (unless otherwise noted)
HcMOS 32.768kHz 4x2.5mm SMD Oscillator
Rev. 6/26/2008
RoHS compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F254
Page 1 of 2
#1
#4
#3
#2
#4
#3
#1
#2
4.0±0.2
2.5±0.2
0.9±0.1
0.65
1.0
0.9
2.0
#5
#6
Recom m ended
Solder Pad Layout
1.1
1.8
0.9
3.0
Pin connection
#1 E/D
#3 Output
#2 GND
#4 Vdd
#5 NC
#6 NC
All dimensions are in millimeters.


Similar Part No. - F254

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
F2545-MPT-R COMPUTAR-F2545-MPT-R Datasheet
12Mb / 1P
Anti Vibration & Shock Resistance Lens Lineup
01/24
logo
Proto Advantage SMD Ada...
F254T254P04 PROTOADVANTAGE-F254T254P04 Datasheet
96Kb / 2P
Pitch Changer 1.00mm to 1.00mm conversion - 4 Pin
revision 1.0
F254T254P04 PROTOADVANTAGE-F254T254P04 Datasheet
96Kb / 2P
Pitch Changer 1.00mm to 1.00mm conversion - 5 Pin
revision 1.0
F254T254P04 PROTOADVANTAGE-F254T254P04 Datasheet
96Kb / 2P
Pitch Changer 1.00mm to 1.00mm conversion - 6 Pin
revision 1.0
F254T254P04 PROTOADVANTAGE-F254T254P04 Datasheet
96Kb / 2P
Pitch Changer 1.00mm to 1.00mm conversion - 8 Pin
revision 1.0
More results

Similar Description - F254

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F32K FOX-F32K Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
FK335 FOX-FK335 Datasheet
80Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
FK235 FOX-FK235 Datasheet
439Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
FK245 FOX-FK245 Datasheet
439Kb / 1P
HCMOS 2.5V 32.768kHz SMD Oscillator
FK345 FOX-FK345 Datasheet
431Kb / 1P
HCMOS 2.5V 32.768kHz SMD Oscillator
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
FOX465 FOX-FOX465 Datasheet
390Kb / 2P
HCMOS 32.768kHz SMD Crystal Oscillator
logo
Advanced Crystal Techno...
9300WC ACT-9300WC Datasheet
196Kb / 2P
Clock oscillator 32.768kHz, 5.0 x 3.2mm, HCMOS
1/2/2017
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
logo
Fox Electronics
O3HK FOX-O3HK Datasheet
263Kb / 5P
HCMOS 32.768kHz 3.2x2.5mm Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com