Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2185A Datasheet (PDF) - Murata Manufacturing Co., Ltd.

SF2185A Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # SF2185A
Download  SF2185A Download
File Size   112.16 Kbytes
Page   5 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 70 MHz SAW Filter

SF2185A Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2185A Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # SF2185A
Download  SF2185A Click to download

File Size   112.16 Kbytes
Page   5 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 70 MHz SAW Filter

SF2185A Datasheet (HTML) - Murata Manufacturing Co., Ltd.


SF2185A Product details

70.00 MHz SAW Filter

• Precision IF SAW Filter
• Hermetic 13.3 x 6.5 mm Surface-mount Case
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF2185A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2185A RFM-SF2185A Datasheet
112Kb / 5P
Precision IF SAW Filter
SF2185A-1 RFM-SF2185A-1 Datasheet
433Kb / 6P
Precision IF SAW Filter
logo
Murata Manufacturing Co...
SF2185A-1 MURATA-SF2185A-1 Datasheet
433Kb / 6P
70 MHz SAW Filter
More results


Similar Description - SF2185A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855737 TRIQUINT-855737 Datasheet
578Kb / 5P
70 MHz SAW Filter
855740 TRIQUINT-855740 Datasheet
622Kb / 5P
70 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2227A MURATA-SF2227A Datasheet
542Kb / 5P
70 MHz SAW Filter
logo
TriQuint Semiconductor
854657 TRIQUINT-854657_15 Datasheet
581Kb / 5P
70 MHz SAW Filter
854658 TRIQUINT-854658_15 Datasheet
578Kb / 5P
70 MHz SAW Filter
854659 TRIQUINT-854659_15 Datasheet
579Kb / 5P
70 MHz SAW Filter
854668 TRIQUINT-854668_15 Datasheet
449Kb / 6P
70 MHz SAW Filter
854674 TRIQUINT-854674_15 Datasheet
559Kb / 5P
70 MHz SAW Filter
855744 TRIQUINT-855744_15 Datasheet
459Kb / 5P
70 MHz SAW Filter
855745 TRIQUINT-855745_15 Datasheet
667Kb / 5P
70 MHz SAW Filter
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com