Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2145B Datasheet (PDF) - RF Monolithics, Inc

SF2145B Datasheet PDF - RF Monolithics, Inc
Part # SF2145B
Download  SF2145B Download
File Size   252.8 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description SAW Filter, 895 MHz, 15 MHz BW

SF2145B Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2145B Datasheet PDF - RF Monolithics, Inc

Part # SF2145B
Download  SF2145B Click to download

File Size   252.8 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description SAW Filter, 895 MHz, 15 MHz BW

SF2145B Datasheet (HTML) - RF Monolithics, Inc


SF2145B Product details

895 MHz SAW Filter

• SAW Filter, 895 MHz, 15 MHz BW
• 7.0 X 5.0 mm 10 pin Surface-Mount Case
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF2145B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2140A RFM-SF2140A Datasheet
97Kb / 5P
Excellent Size-to-Performance Ratio
logo
Murata Manufacturing Co...
SF2140A MURATA-SF2140A Datasheet
97Kb / 5P
140.0 MHz SAW Filter
logo
RF Monolithics, Inc
SF2140A-1 RFM-SF2140A-1 Datasheet
644Kb / 6P
Excellent Size-to-Performance Ratio
logo
Murata Manufacturing Co...
SF2140A-1 MURATA-SF2140A-1 Datasheet
644Kb / 6P
140.0 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF2140BA02540S SPECTRUM-SF2140BA02540S Datasheet
168Kb / 3P
2140 MHz SAW Filter 60 MHz bandwidth
More results


Similar Description - SF2145B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0399A TAI-SAW-TB0399A Datasheet
258Kb / 7P
156.8MHz IF SAW Filter (BW=15 MHz)
TA1126A TAI-SAW-TA1126A Datasheet
155Kb / 7P
SAW Filter 2017.5MHz 15 MHz BW SMD 1.4X1.1 mm
TA1427A TAI-SAW-TA1427A Datasheet
418Kb / 7P
SAW Filter 895 MHz
TA2458A TAI-SAW-TA2458A Datasheet
437Kb / 6P
SAW Filter 895 MHz
TA1427B TAI-SAW-TA1427B Datasheet
449Kb / 7P
SAW Filter 895 MHz SMD 3.0횞3.0 mm (BW=2 MHz)
TA1735B TAI-SAW-TA1735B Datasheet
506Kb / 8P
SAW Filter 867.5 MHz SMD 2.0횞1.6 mm (BW=15 MHz)
TA2556A TAI-SAW-TA2556A Datasheet
1Mb / 7P
SAW Filter 457.5 MHz SMD 3.8횞3.8 mm (BW=15 MHz)
TA2584A TAI-SAW-TA2584A Datasheet
772Kb / 7P
SAW Filter Band1 950.5 MHz (BW 19 MHz)
TA2643A TAI-SAW-TA2643A Datasheet
774Kb / 7P
SAW Filter 950.75 MHz (BW 18.5 MHz) SMD3030
TA2727AA3112 TAI-SAW-TA2727AA3112 Datasheet
296Kb / 7P
SAW Filter 1702.5MHz SMD 3.0X3.0 mm (BW=15 MHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com