Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2145B Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # SF2145B
Description  SAW Filter, 895 MHz, 15 MHz BW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2145B Datasheet(HTML) 2 Page - RF Monolithics, Inc

  SF2145B Datasheet HTML 1Page - RF Monolithics, Inc SF2145B Datasheet HTML 2Page - RF Monolithics, Inc SF2145B Datasheet HTML 3Page - RF Monolithics, Inc SF2145B Datasheet HTML 4Page - RF Monolithics, Inc SF2145B Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 5
©2009 by RF Monolithics, Inc.
SF2145B - 7/9/09
Tesing Environment
CH1
S11
1 U FS
CENTR
899 . 700
MHz
SPAN
50 . 000
MHz
Cor
PRm
CH2
S21
LOG
1 dB/
REF -10 dB
CENTER
899 . 700
000
MHz
SPAN
50 . 000
000
MHz
Cor
PRm
CH3
S22
1 U FS
CENTR
899 . 700
MHz
SPAN
50 . 000
MHz
Cor
18 Feb 2008 13:27:10
1
1 : 60 . 025
-1 . 6348
108 . 21
pF
899 . 700
000
MHz
1
2
3
4
1 : 0 . 0000
dB
0 . 000
000
MHz
Max
REF=1
CH2
Markers
BW :
26 . 232706
MHz
cent
:
900 . 034584
MHz
Q: 34 . 310
1_ loss
: -7 . 7333
dB
1
1 : 55 . 941
-5 . 0742
34 . 862
pF
899 . 700
000
MHz
SF2145B DEMO
DEVICE # 49
Full
Full
3
8
Note: Unmatched Filter to 50
Ω Input / Output.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com