Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF130 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

IRFF130 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # IRFF130
Download  IRFF130 Download
File Size   150.53 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET

IRFF130 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFF130 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # IRFF130
Download  IRFF130 Click to download

File Size   150.53 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET

IRFF130 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


IRFF130 Product details

8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 8.0A, 100V
• rDS(ON) = 0.180Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature




Similar Part No. - IRFF130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF130 INTERSIL-IRFF130 Datasheet
325Kb / 7P
8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET
March 1999
logo
GE Solid State
IRFF130 GESS-IRFF130 Datasheet
161Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER FIELD-EFFECT TRANSISTORS
logo
Seme LAB
IRFF130 SEME-LAB-IRFF130 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
logo
List of Unclassifed Man...
IRFF130 ETC2-IRFF130 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Inchange Semiconductor ...
IRFF130 ISC-IRFF130 Datasheet
268Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IRFF130

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF640 FAIRCHILD-IRF640 Datasheet
132Kb / 7P
18A, 200V, 0.180 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
2N6796 INTERSIL-2N6796 Datasheet
140Kb / 7P
8A, 100V, 0.180 Ohm, N-Channel Power MOSFET
November 1998
FRL130D INTERSIL-FRL130D Datasheet
47Kb / 6P
8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM130D INTERSIL-FRM130D Datasheet
47Kb / 6P
14A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FSL13A0D INTERSIL-FSL13A0D Datasheet
71Kb / 8P
9A, 100V, 0.180 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1999
IRF240 INTERSIL-IRF240 Datasheet
59Kb / 7P
18A, 200V, 0.180 Ohm, N-Channel Power MOSFET
March 1999
IRF520 INTERSIL-IRF520 Datasheet
69Kb / 7P
9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
November 1999
IRFF130 INTERSIL-IRFF130 Datasheet
325Kb / 7P
8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET
March 1999
IRFP240 INTERSIL-IRFP240 Datasheet
56Kb / 7P
20A, 200V, 0.180 Ohm, N-Channel Power MOSFET
July 1999
JANSR2N7272 INTERSIL-JANSR2N7272 Datasheet
39Kb / 7P
8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com