Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF520 Datasheet (PDF) - Intersil Corporation

IRF520 Datasheet PDF - Intersil Corporation
Part # IRF520
Download  IRF520 Download
File Size   69.18 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET

IRF520 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF520 Datasheet PDF - Intersil Corporation

Part # IRF520
Download  IRF520 Click to download

File Size   69.18 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET

IRF520 Datasheet (HTML) - Intersil Corporation


IRF520 Product details

This N-Channel enhancement mode silicon gate power field
effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.
   
Features
• 9.2A, 100V
• rDS(ON) = 0.270Ω
• SOA is Power Dissipation Limited
• Single Pulse Avalanche Energy Rated
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount
        Components to PC Boards”
   




Similar Part No. - IRF520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF520 STMICROELECTRONICS-IRF520 Datasheet
181Kb / 9P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1993
logo
Supertex, Inc
IRF520 SUTEX-IRF520 Datasheet
74Kb / 2P
N - CHANNEL ENHANCEMENT MODE VERTICAL DMOS POWER FETs
logo
Fairchild Semiconductor
IRF520 FAIRCHILD-IRF520 Datasheet
166Kb / 5P
N-Channel Power MOSFETs, 11 A, 60-100 V
logo
Vishay Siliconix
IRF520 VISHAY-IRF520 Datasheet
135Kb / 8P
Power MOSFET
16-Jun-08
logo
New Jersey Semi-Conduct...
IRF520 NJSEMI-IRF520 Datasheet
798Kb / 3P
IRF120-123/IRF520-523 MTP10N08/10N10 N-Channel Power MOSFETs
More results


Similar Description - IRF520

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF120 INTERSIL-IRF120 Datasheet
68Kb / 7P
8.0A and 9.2A, 80V and 100V, 0.27 and 0.36 Ohm, N-Channel, Power MOSFETs
October 1997
IRFD110 INTERSIL-IRFD110 Datasheet
52Kb / 6P
1A, 100V, 0.600 Ohm, N-Channel Power MOSFET
July 1999
IRFF110 INTERSIL-IRFF110 Datasheet
328Kb / 7P
3.5A, 100V, 0.600 Ohm, N-Channel Power MOSFET
March 1999
IRFF120 INTERSIL-IRFF120 Datasheet
325Kb / 7P
6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
March 1999
IRFP460 INTERSIL-IRFP460 Datasheet
55Kb / 7P
20A, 500V, 0.270 Ohm, N-Channel Power MOSFET
July 1999
IRFR120 INTERSIL-IRFR120 Datasheet
56Kb / 7P
8.4A, 100V, 0.270 Ohm, N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
IRFD120 FAIRCHILD-IRFD120 Datasheet
91Kb / 7P
1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
IRFP140 FAIRCHILD-IRFP140 Datasheet
104Kb / 7P
31A, 100V, 0.077 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
UF520 UTC-UF520 Datasheet
203Kb / 6P
9.2A, 100V N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRFF130 NJSEMI-IRFF130 Datasheet
150Kb / 3P
8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com