Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF120 Datasheet (PDF) - Intersil Corporation

IRF120 Datasheet PDF - Intersil Corporation
Part # IRF120
Download  IRF120 Download
File Size   68.22 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8.0A and 9.2A, 80V and 100V, 0.27 and 0.36 Ohm, N-Channel, Power MOSFETs

IRF120 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF120 Datasheet PDF - Intersil Corporation

Part # IRF120
Download  IRF120 Click to download

File Size   68.22 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8.0A and 9.2A, 80V and 100V, 0.27 and 0.36 Ohm, N-Channel, Power MOSFETs

IRF120 Datasheet (HTML) - Intersil Corporation


IRF120 Product details

Description
These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 8.0A and 9.2A, 80V and 100V
• rDS(ON) = 0.27Ω and 0.36Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - IRF120

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF120 SAMSUNG-IRF120 Datasheet
213Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF120 FAIRCHILD-IRF120 Datasheet
166Kb / 5P
N-Channel Power MOSFETs, 11 A, 60-100 V
logo
New Jersey Semi-Conduct...
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
IRF120-123/IRF520-523 MTP10N08/10N10 N-Channel Power MOSFETs
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
N-Channel Power MOSFETs, 11 A, 60-100 V
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
N-Channel Power MOSFETs, 11 A, 60-100 V
More results


Similar Description - IRF120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFL1N08 INTERSIL-RFL1N08 Datasheet
30Kb / 4P
1A, 80V and 100V, 1.200 Ohm, N-Channel, Power MOSFETs
September 1998
RFM12N08 INTERSIL-RFM12N08 Datasheet
43Kb / 5P
12A, 80V and 100V, 0.200 Ohm, N-Channel Power MOSFETs
October 1998
RFM18N08 INTERSIL-RFM18N08 Datasheet
38Kb / 5P
18A, 80V and 100V, 0.100 Ohm, N-Channel Power MOSFETs
September 1998
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
June 1999
RFP2N08 INTERSIL-RFP2N08 Datasheet
46Kb / 4P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
July 1998
logo
Harris Corporation
RFP8P08 HARRIS-RFP8P08 Datasheet
279Kb / 5P
-8A, -80V AND -100V, 0.400 Ohm, P-CHANNEL POWER MOSFETS
IRFD121 HARRIS-IRFD121 Datasheet
360Kb / 6P
1.3A and 1.1A, 80V and 100V, 0.30 and 0.40 Ohm, N-Channel Power MOSFETs
IRF510 HARRIS-IRF510 Datasheet
71Kb / 7P
4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF540 NJSEMI-IRF540 Datasheet
984Kb / 3P
25A and 28A, 80V and 100V, 0.077 and 0.100 Ohm, N-Channel Power MOSFETs
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com