Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF120 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

IRF120 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # IRF120
Download  IRF120 Download
File Size   798.54 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description N-Channel Power MOSFETs, 11 A, 60-100 V

IRF120 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF120 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # IRF120
Download  IRF120 Click to download

File Size   798.54 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description N-Channel Power MOSFETs, 11 A, 60-100 V

IRF120 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


IRF120 Product details

Description
These devices are n-channel, enhancement mode, power MOSFETs designed especially for high speed applications, such as switching power supplies, converters, AC and DC motor controls, relay and solenoid drivers and other pulse circuits.
   
• Low RDs<on)
• VQS Rated at ±20 V
• Silicon Gate for Fast Switching Speeds
• bss. Vos(on), Specified at Elevated Temperature
• Rugged
• Low Drive Requirements
• Ease of Paralleling
   




Similar Part No. - IRF120

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF120 SAMSUNG-IRF120 Datasheet
213Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF120 FAIRCHILD-IRF120 Datasheet
166Kb / 5P
N-Channel Power MOSFETs, 11 A, 60-100 V
logo
Intersil Corporation
IRF120 INTERSIL-IRF120 Datasheet
68Kb / 7P
8.0A and 9.2A, 80V and 100V, 0.27 and 0.36 Ohm, N-Channel, Power MOSFETs
October 1997
logo
New Jersey Semi-Conduct...
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
IRF120-123/IRF520-523 MTP10N08/10N10 N-Channel Power MOSFETs
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
N-Channel Power MOSFETs, 11 A, 60-100 V
More results


Similar Description - IRF120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6755 FAIRCHILD-2N6755 Datasheet
136Kb / 5P
N-Channel Power MOSFETs, 14 A, 60 A/100 V
IRF120-123 FAIRCHILD-IRF120-123 Datasheet
166Kb / 5P
N-Channel Power MOSFETs, 11 A, 60-100 V
IRF130-133 FAIRCHILD-IRF130-133 Datasheet
180Kb / 6P
N-Channel Power MOSFETs, 20 A, 60-100 V
IRF150-153 FAIRCHILD-IRF150-153 Datasheet
125Kb / 4P
N-Channel Power MOSFETs, 40 A, 60 V/100 V
logo
Texas Instruments
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
60-V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI-CSD18537NQ5A Datasheet
1Mb / 12P
60-V N-Channel NexFET Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
N-Channel Power MOSFETs, 11 A, 60-100 V
logo
Texas Instruments
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
60 V N-Channel NexFET??Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF140 NJSEMI-IRF140 Datasheet
103Kb / 3P
N-Channel Power MOSFETs, 27 A, 60-100 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com