Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFP12P08 Datasheet (PDF) - Intersil Corporation

RFP12P08 Datasheet PDF - Intersil Corporation
Part # RFP12P08
Download  RFP12P08 Download
File Size   37.0 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs

RFP12P08 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP12P08 Datasheet PDF - Intersil Corporation

Part # RFP12P08
Download  RFP12P08 Click to download

File Size   37.0 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs

RFP12P08 Datasheet (HTML) - Intersil Corporation


RFP12P08 Product details

12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs



The RFP12P08, and RFP12P10 are P-Channel enhancement mode silicon gate power field effect transistors

designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.



Features

• 12A, 80V and 100V

• rDS(ON)= 0.300Ω

• SOA is Power Dissipation Limited

• Nanosecond Switching Speeds

• Linear Transfer Characteristics

• High Input Impedance

• Majority Carrier Device

• Related Literature

- TB334 “Guidelines for Soldering Surface Mount

  Components to PC Boards”




Similar Part No. - RFP12P08

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RFP12P08 ISC-RFP12P08 Datasheet
371Kb / 2P
isc P-Channel MOSFET Transistor
More results


Similar Description - RFP12P08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
September 1998
RFL1P08 INTERSIL-RFL1P08 Datasheet
42Kb / 4P
1A, -80V and -100V, 3.65 Ohm, P-Channel Power MOSFETs
July 1998
RFM12N08 INTERSIL-RFM12N08 Datasheet
43Kb / 5P
12A, 80V and 100V, 0.200 Ohm, N-Channel Power MOSFETs
October 1998
RFP2P08 INTERSIL-RFP2P08 Datasheet
39Kb / 5P
-2A, -80V and -100V, 3.500 Ohm, P-Channel Power MOSFETs
October 1998
RFP6P08 INTERSIL-RFP6P08 Datasheet
310Kb / 5P
-6A, -80V and -100V, 0.600 Ohm, P-Channel Power MOSFETs
October 1999
logo
Harris Corporation
RFP8P08 HARRIS-RFP8P08 Datasheet
279Kb / 5P
-8A, -80V AND -100V, 0.400 Ohm, P-CHANNEL POWER MOSFETS
IRFD9113 HARRIS-IRFD9113 Datasheet
342Kb / 6P
-0.6A and -0.7A, -80V and -100V, 1.2 and 1.6 Ohm, P-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFL1P08 NJSEMI-RFL1P08 Datasheet
90Kb / 2P
1 A, -80V and -100V, 3.65 Ohm, P-Channel Power MOSFETs
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com