Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFL1P08 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

RFL1P08 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # RFL1P08
Download  RFL1P08 Download
File Size   90.53 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 1 A, -80V and -100V, 3.65 Ohm, P-Channel Power MOSFETs

RFL1P08 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFL1P08 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # RFL1P08
Download  RFL1P08 Click to download

File Size   90.53 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 1 A, -80V and -100V, 3.65 Ohm, P-Channel Power MOSFETs

RFL1P08 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


RFL1P08 Product details

Description
These are P-Channel enhancement mode silicon gate power field effect transistors designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 1 A, -80V and -100V
• rDS(ON) = 3.65Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device




Similar Part No. - RFL1P08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFL1P08 INTERSIL-RFL1P08 Datasheet
42Kb / 4P
1A, -80V and -100V, 3.65 Ohm, P-Channel Power MOSFETs
July 1998
More results


Similar Description - RFL1P08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
September 1998
RFL1N08 INTERSIL-RFL1N08 Datasheet
30Kb / 4P
1A, 80V and 100V, 1.200 Ohm, N-Channel, Power MOSFETs
September 1998
RFL1P08 INTERSIL-RFL1P08 Datasheet
42Kb / 4P
1A, -80V and -100V, 3.65 Ohm, P-Channel Power MOSFETs
July 1998
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
June 1999
RFP2P08 INTERSIL-RFP2P08 Datasheet
39Kb / 5P
-2A, -80V and -100V, 3.500 Ohm, P-Channel Power MOSFETs
October 1998
RFP6P08 INTERSIL-RFP6P08 Datasheet
310Kb / 5P
-6A, -80V and -100V, 0.600 Ohm, P-Channel Power MOSFETs
October 1999
logo
Harris Corporation
RFP8P08 HARRIS-RFP8P08 Datasheet
279Kb / 5P
-8A, -80V AND -100V, 0.400 Ohm, P-CHANNEL POWER MOSFETS
IRFD9113 HARRIS-IRFD9113 Datasheet
342Kb / 6P
-0.6A and -0.7A, -80V and -100V, 1.2 and 1.6 Ohm, P-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com